Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
CAN Mode versus SBC Modes
The table below indicates the CAN interface modes versus
the SBC modes as well as the status of TX, RX and the CAN
bus pins.
Table 34. CAN vs SBC Modes
How to Test the MC33989 CAN Interface
The CAN interface can be easily set up and tested.
MC33989 can be connected as in the following figure. V2 is
connected to V1. The device is supplied with nominal supply
(12 V at VSUP input pin). After power on, reset the device,
enter normal request mode, and the CAN interface is set in
normal mode, slew rate 0. TX can be driven by a signal
generator. RX will report the bus state. The figure below is a
simple test schematic.
Figure 38. Testing the CAN Interface
SBC mode
External
ballast
for V2
CAN mode
V2
voltage
TX
RX
CANH/CANL
(disconnected
from other
nodes)
Unpowered
YES
Unpowered
0 V
LOW
LOW
Floating to gnd
Reset (with ballast)
YES
0 V
LOW
LOW
Floating to gnd
Normal request (with ballast)
YES
0 V
LOW
LOW
Floating to gnd
Normal
YES
Normal Slew rate
0,1,2,3
5 V
Internal pull up
to V2.
Report bus state
High if bus
recessive, Low if
dominant
Bus recessive
CANH = CANL =
2.5 V
Normal
YES
Sleep mode
5 V
5 V
5 V
Floating to gnd
Standby with external ballast
YES
Normal or sleep
0 V
LOW
LOW
Floating to gnd
Standby without external
ballast, V2 connected to V1
NO
Normal
5 V
Same as
normal mode
Same as normal
mode
Same as normal
mode
Standby without external
ballast, V2 connected to V1
NO
Sleep
5 V
5 V
5 V
Floating to gnd
Sleep
—
Sleep
0 V
LOW
LOW
Floating to gnd
Stop
—
Sleep
0 V
LOW
LOW
Floating to gnd
V1
VSUP
V2CTRL
RESET
INT
CS
MISO
MOSI
SCK
TX
RX
CANH
CANL
HS1
L0
L3
C3
C4
C1
C2
RT
GND
CAN bus
WD
V2
L2
L1
Signal generator
Components list:
C1: 22uF, C2: 100nF
C3: >10uF
C4: 100nF
CANL
CANH
Signal at RX output
Rt: 60 ohms
F<500kz (1Mb/s)
MC33989
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com