Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Voltage Regulator
The MC33989 contains two 5 V regulators: The V1
regulator, fully integrated and protected, and the V2 regulator
which operates with an external ballast transistor. This is
illustrated in the following device typical application
schematic.
Figure 21. Device Typical Application Schematic
V1 Regulator
The V1 regulator is 5 V output, 2% accuracy with current
capability of 200 mA max. It requires external decoupling and
stabilizing capacitors. The minimum recommended value
are:
• C4: 100 nF
• C3: 10
µF < C3 < 22 µF, esr < 1 ohms. 22 µF < C3 <
47
µF, esr < 5 ohms. C3 > = 47 µF, esr < 10 ohms
V2 Regulator: Operation with External Ballast Transistor
The V2 regulator is a tracking regulator of the V1 output.
Its accuracy relative to V1 is ±1%. It requires external
decoupling and stabilizing capacitors. The recommended
value are: 22
µF esr < 5 ohms, and 47 µF esr < 10 ohms.
The V2 pin has two functions: sense input for the V2
regulator and 5 V power supply input to the CAN interface.
Ballast transistor selection: PNP or PMOS transistors can be
used. A resistor between base and emitter (or source and
drain) is necessary to ensure proper operation and optimized
performances. Recommended bipolar transistor is MJD32C.
V2 Regulator: Operation without Ballast Transistor
The external ballast transistor is optional. If the application
does not requires more than the maximum output current
capability of the V1 regulator, then the ballast transistor can
be omitted. The thermal aspects must be analyzed as well.
The electrical connections are shown in Figure 22.
Figure 22. V2 Regulator Operation
VDD1
VSUP
V2CTRL
RST
INT
CS
MISO
MOSI
SCK
TX
RX
CANH
CANL
HS1
L0
L3
C3
C4
C5
C6
C1
C2
Rt
GND
GND
CAN
SPI
VDD
RST
Auxiliary 5V
CAN bus
WD
MCU
Safe circuitry
V2
L2
L1
Rp0
S0
Rs0
CL0
Q1
R1
Components list:
C1: 22uF, C2: 100nF
C3: >10uF
C4: 100nF
C5: >10uF
C6: 100nF
R1: 2.2k
Rt: 60 - 120
Rp0 to Rp3: 22k
Rs0 to Rs3: 22 k
CL0 to CL3: 10nF
Q1: MJD32C
MC33989
INT
VDD1
VSUP
V2CTRL
RST
C3
C4
C1
C2
VDD
V2
no connect
Components list:
C1: 22uF, C2: 100nF
C3: >10uF
C4: 100nF
MCU
partial view
MC33989
Partial View
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com