Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
57
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
How to Enter in Sleep Mode
Figure 56. Enter Sleep Mode
How to Enter in Stop Mode with Watchdog
Figure 57. Enter Stop Mode with Watchdog
How to Enter in Stop Mode without Watchdog
Figure 58. Enter Stop Mode without Watchdog
• Bit NoStop=»1»: sleep mode is allowed
• SBC and CAN module go to sleep mode
it will sleep on the rising edge of CS
SBC in normal or
Standby
SBC in Sleep
Write RCR= $34
Write MCR =$14
• Bit NoStop=»0»: sleep mode is disabled
• SBC is in stop mode VDD1 cannot deliver more than 10 mA &
CAN module is in sleep mode.
it will sleep on the rising edge of CS
•The SBC has to wake-up before the watchdog selected
by:SPI, CAN, Lx, Force wake-up.
SBC in normal or
Standby
SBC in Stop
Write RCR =$38
Wake-up event
Write MCR =$13
• Bit NoStop=»0»: sleep mode is disabled
• SBC goes into Stop mode & CAN module
goes into sleep mode
it will sleep on the rising edge of CS
SBC in normal or
Standby
SBC in Stop
Write RCR =$30
Write MCR =$13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com