Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Timing Register (TIM1/2)
This register is composed of two registers:
1. TIM1–controls the watchdog timing selection as well as
the window or timeout option. TIM1 is selected when
bit D3 is 0. Please see Table 24.
2. TIM2–is used to define the timing for the cyclic sense
and forced wake-up function. TIM2 is selected when bit
D3 is read operation it is not allowed in either TIM1 or
TIM2 registers. Please see Table 26.
Figure 17. Window Watchdog
Figure 18. Timeout Watchdog
Table 24. TIM1 Register
TMI1
D3
D2
D1
D0
$101B
W
0
WDW
WDT1
WDT0
R
—
—
—
—
Reset Value
—
0
0
0
Reset Condition
—
POR, RST
POR, RST
POR, RST
Table 25. TIM1 Control Bits
WDW
WDT1
WDT0
Timing (ms)
Parameter
0
0
0
10
Watchdog Period 1
No Window Watchdog
0
0
1
45
Watchdog Period 2
0
1
0
100
Watchdog Period 3
0
1
1
350
Watchdog Period 4
1
0
0
10
Watchdog Period 1
Window Watchdog Enabled (Window
Length is Half the Watchdog Timing)
1
0
1
45
Watchdog Period 2
1
1
0
100
Watchdog Period 3
1
1
1
350
Watchdog Period 4
WD Timing x 50%
WD Timing x 50%
Watchdog Period
(WD Timing Selected by TIM1 Bit WDW=1)
Window Open
for Watchdog Clear
Watchdog Period
(WD Timing Selected by TIM1 Bit WDW=1)
Table 26. TIM2 Register
TMI2
D3
D2
D1
D0
$101B
W
1
CSP2
CSP1
CSP0
R
—
—
—
—
Reset Value
—
0
0
0
Reset Condition
—
POR, RST
POR, RST
POR, RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com