Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33989
FUNCTIONAL DEVICE OPERATION
RESET AND WATCHDOG PINS, SOFTWARE WATCHDOG OPERATIONS
Figure 12. Simplified Schematic for Flash Programming
PACKAGE AND THERMAL CONSIDERATION
The device is proposed in a standard surface mount
SOIC28 package. In order to improve the thermal
performances of the SOIC28 package, eight pins are
internally connected to the lead frame and are used for heat
transfer to the printed circuit board.
Table 6, page 24, describes the SBC operation modes.
Normal, Stand-by, and Stop Debug modes are entered
through special sequence described in the Debug mode
paragraph.
Figure 13. State Machine (Not Valid in Debug Modes)
SBC
MCU = Flash
VDD1
RST
WD
External supply and sources applied to
VDD1, RST,
VSUP (Open or > 5.0 V
and WD test points on application circuit board.
Programming Bus
Notes These two SPI commands must be sent consecutively in this sequence.
30.
If WD activated.
Power
Down
Reset
Normal
Stand-by
Stop
Normal
Sleep
Reset Counter (3.4
ms) Expired
VDD1 Low OR WD:
Timeout 350 ms
&!Nostop
1
SPI: Stand-by
& WD Trigger
3
SPI: Stop & CS
Low to High
Transition
4
2
WD: Timeout OR VDD1 Low
WD:
Timeout
&
Nostop
1
WD: Timeout OR VDD1 Low
1
2
W
D
: T
im
eo
ut
O
R
V
D
D
1 L
ow
(3
0)
1
Wake-up
(VDD1 High Temperature OR (VDD11 Low > 100ms & VSUP >BFew)) & Nostop &!BATFAIL
1
2
3
4
denotes priority
STATE MACHINE DESCRIPTION:
28.
Nostop = Nostop bit = 1
29.
! Nostop = Nostop bit = 0
30.
BATFAIL = Batfail bit = 1
31.
! BATFAIL = Batfail bit = 0
32.
VDD1 Over Temperature = VDD1 thermal shutdown occurs
33.
VDD1 low = VDD1 below reset threshold
34.
VDD1 low >100 ms = VDD1 below reset threshold for more than 100 ms
35.
WD: Trigger = TIM1 register write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com