Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Analog Integrated Circuit Device Data
38
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 20. Typical Application Diagram
MC33989, SBC High Speed Typical Application Schematic
Programmable
SPI Interface
Dual Voltage Regulator
GND
RX
TX
Vsup monitor
Vdd1 Monitor
HS1
Mode control
Reset
Watchdog
wake-up input
1Mbit/s CAN
Physical Interface
CS
MISO
SCLK
MOSI
RST
INT
5V/200mA
V2CTRL
Vdd1
L0
HS1
CANL
CANH
Oscillator
V2
V2
WD
VSUP
L1
L2
L3
V2
V2
control
Int
VBAT
Q1
C3
C4
C2
C1
C6
to L0
R1
C8
to L2
R3
MCU
Safe Circuitry
D1
C5
Rp
Rp
Rd
C7
to L1
R2
C9
to L3
R4
Rd
Internal
Connector
Clamp(1)
SW4
SW3
SW2
SW1
C10
Module
Supply
R5
Component values:
D1:
Q1: MJD32C
R1,R2,R3,R4: 10k
R5: 120
Rp, Rd:
R6: 2.2k
C1: 10uF
C2: 100nF
C3: 47uF
C4: 100nF
C5: 47uF tantal
C6,C7,C8,C9,C10: 100nF
CL, CH: 220 pF
CL
CANL (SBC)
CH
CANH (SBC)
120 ohms
CAN Connector
CANL
CANH
L1
Detail of CAN standard termination schematic
(not split termination)
R6, 60 ohms
CL
CANL (SBC)
CH
CANH (SBC)
CAN Connector
CANL
CANH
L1
Detail of CAN split termination schematic
R7, 60 ohms
CS
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com