Electronic Components Datasheet Search
  English  ▼

X  

33989 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Wake-up Input Register (WUR)
The local wake-up inputs, L0, L1, L2, and L3 can be used
in both Normal and Standby modes as port expander, as well
as and for waking up the SBC in Sleep or Stop modes.
Please see Table 21.
The wake-up inputs can be configured separately, while
L0 and L1 are configured together. Bits L2 and L3 are
configured together. Please see Table 22.
Table 23 provides Status bits data.
Table 20. IOR Status Bits
Status Bit
Description
V2LOW
V2 Below 4.0 V
HS1OT
High Side 1 Over Temperature
VSUPLOW
VSUP Below 6.1 V
DEBUG
If Set, SBC Accepts Command to go to Debug Modes (No WD)
Table 21. WUR Register
WUR
D3
D2
D1
D0
$100B
W
LCTR3
LCTR2
LCTR1
LCTR0
R
L3WU
L2WU
L1WU
L0WU
Reset Value
0
0
0
0
Reset Condition
POR, NR2R, N2R, STB2R, STO2R
Table 22. WUR Control Bits
LCTR3
LCTR2
LCTR1
LCTR0
L0/L1 Config
L2/L3 Config
x
x
0
0
Inputs Disabled
—
x
x
0
1
High Level Sensitive
x
x
1
0
Low Level Sensitive
x
x
1
1
Both Level Sensitive
0
0
x
x
—
Inputs Disabled
0
1
x
x
High Level Sensitive
1
0
x
x
Low Level Sensitive
1
1
x
x
Both Level Sensitive
Table 23. WUR Status Bits
Status Bit
Description
L3WU
Wake-up Occurred (Sleep/Stop Modes), Logic State on Lx (Standby/Normal Modes)
L2WU
L1WU
L0WU
Notes: Status bits have two functions. After SBC wake-up, they indicate the wake-up source (Example: L2WU set at 1 if wake-up source is L2
input). After SBC wake and once the WUR has been read, status bits indicates the real time state of the LX inputs (1 mean LX is above
threshold, 0 means that LX input is below threshold).
If, after a wake-up from LX input, a WD timeout occurs before the first reading of the WUR register, the LXxWU bits are reset. This can occur
only if SBC was in Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com