Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 14Page - Exar Corporation XRT79L71IB Datasheet HTML 15Page - Exar Corporation XRT79L71IB Datasheet HTML 16Page - Exar Corporation XRT79L71IB Datasheet HTML 17Page - Exar Corporation XRT79L71IB Datasheet HTML 18Page - Exar Corporation XRT79L71IB Datasheet HTML 19Page - Exar Corporation XRT79L71IB Datasheet HTML 20Page - Exar Corporation XRT79L71IB Datasheet HTML 21Page - Exar Corporation XRT79L71IB Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
XRT79L71
15
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
D10
TxOHIns/
TxHDLCDat_4
I
Transmit Overhead Data Insert Enable Input pin/Transmit High-Speed
HDLC Controller Input Interface - Data Bus Input pin - Bit 4:
The function of this input pin depends upon whether or not the XRT79L71 has
been configured to operate in the High-Speed HDLC Controller Mode.
Non-High Speed HDLC Controller Mode - TxOHIns - Transmit Overhead
Data Insert Input pin:
This input pin is used to either enable or disable the Transmit Overhead Data
Input Interface block.
If the Transmit Overhead Data Input Interface block is enabled, then it will accept
overhead data from the System-Side terminal equipment via the TxOH input pin;
and insert this data into the overhead bit positions within the outbound DS3 or E3
data stream. Conversely, if the Transmit Overhead Data Input Interface block is
disabled, then it will NOT accept overhead data from the System-Side terminal
equipment.
Pulling this input pin "High" enables the Transmit Overhead Data Input Interface
block. Pulling this input pin "Low" disables the Transmit Overhead Data Input
Interface block.
High-Speed HDLC Controller Mode - TxHDLCDat_4 Transmit High-Speed
HDLC Controller Input Interface - Data Bus Input pin - Bit 4:
If the XRT79L71 is configured to operate in the High-Speed HDLC Controller
mode, then this input pin will function as Bit 4 within the Transmit High-Speed
HDLC Controller Input Interface block - Input Data Bus (e.g., the TxHDL-
CData[7:0] input pins).
The Transmit High-Speed HDLC Controller Input Interface block provides the
System-Side terminal equipment with a byte-wide Transmit HDLC Controller
clock output signal (TxHDLCClk). The Transmit High-Speed HDLC Controller
Input Interface block samples the data residing on this input pin (along with the
rest of the TxHDLCData[7:0] input pins) upon the rising edge of the TxHDLCClk
clock output signal.
B12
TxOHClk
O
Transmit Overhead Clock Output:
This output pin functions as the Transmit Overhead Data Input Interface clock
signal. If the user enables the Transmit Overhead Data Input Interface block by
asserting the TxOHIns input pin, then the Transmit Overhead Data Input Inter-
face block will sample and latch the data residing on the TxOH input pin upon the
falling edge of this signal.
NOTE: The Transmit Overhead Data Input Interface block is disabled if the user
has configured the XRT79L71 to operate in the High-Speed HDLC
Controller Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com