Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 16 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 16 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 12Page - Exar Corporation XRT86VL32IB Datasheet HTML 13Page - Exar Corporation XRT86VL32IB Datasheet HTML 14Page - Exar Corporation XRT86VL32IB Datasheet HTML 15Page - Exar Corporation XRT86VL32IB Datasheet HTML 16Page - Exar Corporation XRT86VL32IB Datasheet HTML 17Page - Exar Corporation XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
XRT86VL32
13
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
TxCHN0_1/
TxFrTD0
TxCHN2_1/
TxFrTD2
D12
M17
I/O
8
Transmit Time Slot Octet Identifier Output 1 (TxCHNn_1) /
Transmit Serial Fractional Input (TxFrTDn):
The exact function of these pins depends on whether or not the
transmit framer enables the transmit fractional/signaling interface,
as described below:
If transmit fractional/signaling interface is disabled -
TxCHNn_1
These output signals (TxCHNn_4 through TxCHNn_0) reflect the
five-bit binary value of the current time slot being processed by the
transmit serial interface. Terminal Equipment can use the TxCH-
CLK to sample the five output pins of each channel in order to
identify the time slot being processed. This pin indicates Bit 1 of
the time slot channel being processed.
If transmit fractional/signaling interface is enabled - TxFrTDn
These pins are used as the fractional data input pins to input frac-
tional DS1/E1 payload data which will be inserted within an out-
bound DS1/E1 frame. In this mode, terminal equipment can use
either TxCHCLK or TxSERCLK to clock in fractional DS1/E1 pay-
load data depending on the framer configuration.
NOTES:
1.
Transmit fractional/Signaling interface can be enabled by
programming to bit 4 - TxFr1544/TxFr2048 bit from
register 0xn120 to ‘1’.
2.
These 8 pins are internally pulled “Low” for each
channel.
TxCHN0_2/
Tx32MHz0
TxCHN2_2/
Tx32MHz2
B13
T16
O
8
Transmit Time Slot Octet Identifier Output 2 (TxCHNn_2) /
Transmit 32.678MHz Clock Output (Tx32MHZ):
The exact function of these pins depends on whether or not the
transmit framer enables the transmit fractional/signaling interface,
as described below:
If transmit fractional/signaling interface is disabled -
TxCHNn_2
These output signals (TxCHNn_4 through TxCHNn_0) reflect the
five-bit binary value of the current time slot being processed by the
transmit serial interface. Terminal Equipment can use the TxCH-
CLK to sample the five output pins of each channel in order to
identify the time slot being processed. This pin indicates Bit 2 of
the time slot channel being processed.
If transmit fractional/signaling interface is enabled - Tx32MHz
These pins are used to output a 32.678MHz clock reference which
is derived from the MCLKIN input pin.
NOTE:
Transmit
fractional
interface
can
be
enabled
by
programming to bit 4 - TxFr1544/TxFr2048 bit from
register 0xn120 to ‘1’.
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL#TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com