Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation XRT86VL32IB Datasheet HTML 25Page - Exar Corporation XRT86VL32IB Datasheet HTML 26Page - Exar Corporation XRT86VL32IB Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
XRT86VL32
20
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
RxSERCLK0/
RxLINECLK0
RxSERCLK2/
RxLINECLK2
A7
D15
I/O
12
Receive Serial Clock Signal (RxSERCLKn) / Receive Line
Clock (RxLINECLKn):
The exact function of these pins depends on the mode of oper-
ation selected, as described below.
In Base-Rate Mode (1.544MHz/2.048MHz) - RxSERCLKn:
These pins are used as the receive serial clock on the system
side interface which can be configured as either input or output.
The receive serial interface outputs data on RxSERn on the ris-
ing edge of RxSERCLKn.
When RxSERCLKn is configured as Input:
These pins will be inputs if the slip buffer on the Receive path is
enabled. System side equipment must provide a 1.544MHz
clock rate to this input pin for T1 mode of operation, and
2.048MHz clock rate in E1 mode.
When RxSERCLKn is configured as Output:
These pins will be outputs if slip buffer is bypassed. The receive
framer will output a 1.544MHz clock rate in T1 mode of opera-
tion, and a 2.048MHz clock rate in E1 mode.
DS1/E1 High-Speed Backplane Modes* - (RxSERCLK as
INPUT ONLY)
In this mode, this pin must be used as the high-speed input
clock for the backplane interface to output high-speed or multi-
plexed data on the RxSERn pin. The frequency of RxSERCLK
is presented in the table below.
NOTES:
1.
*High-speed backplane modes include (For T1/E1)
2.048MVIP,
4.096MHz,
8.192MHz,
16.384MHz
HMVIP, H.100, Bit-multiplexed modes, and (For T1
only) 12.352MHz Bit-multiplexed mode.
2.
For DS1 high-speed modes, the DS-0 data is mapped
into an E1 frame by ignoring every fourth time slot
(don’t care).
RECEIVE SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION
OPERATION MODE
FREQUENCY OF
RXSERCLK(MHZ)
2.048MVIP non-multiplexed
2.048
4.096MHz non-multiplexed
4.096
8.192MHz non-multiplexed
8.192
12.352MHz Bit-multiplexed
(DS1 ONLY)
12.352
16.384MHz Bit-multiplexed
16.384
16.384 HMVIP Byte-multiplexed
16.384
16.384 H.100 Byte-multiplexed
16.384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com