Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 24Page - Exar Corporation XRT86VL32IB Datasheet HTML 25Page - Exar Corporation XRT86VL32IB Datasheet HTML 26Page - Exar Corporation XRT86VL32IB Datasheet HTML 27Page - Exar Corporation XRT86VL32IB Datasheet HTML 28Page - Exar Corporation XRT86VL32IB Datasheet HTML 29Page - Exar Corporation XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
XRT86VL32
25
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
RxCHCLK0
RxCHCLK2
A8
H17
O
8
Receive Channel Clock Output (RxCHCLKn):
The exact function of this pin depends on whether or not the
receive framer enables the receive fractional/signaling interface
to output fractional data, as described below.
If receive fractional/signaling interface is disabled:
This pin indicates the boundary of each time slot of an inbound
DS1/E1 frame. In T1 mode, each of these output pins is a
192kHz clock which pulses "High" during the LSB of each 24
time slots. In E1 mode, each of these output pins is a 256kHz
clock which pulses "High" during the LSB of each 32 time slots.
System Equipment can use this clock signal to sample the
RxCHN0 through RxCHN4 time slot identifier pins to determine
which time slot is being output.
If receive fractional/signaling interface is enabled:
RxCHCLKn is the fractional interface clock which either outputs
a clock signal for the time slot that has been configured to out-
put fractional data, or outputs an enable signal for the fractional
time slot so that fractional data can be clocked out of the device
using the RxSERCLK pin.
NOTE:
Receive fractional interface can be enabled by
programming to bit 4 - RxFr1544/RxFr2048 bit from
register 0xn122 to ‘1’.
RECEIVE SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com