Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
XRT86VL32
37
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
WR
V12
I
-
Microprocessor Interface—Write Strobe Input
The exact behavior of this pin depends upon the type of Micro-
processor/Microcontroller the XRT86VL32 has been configured
to operate in, as defined by the PTYPE[2:0] pins.
Intel-Asynchronous Mode - WR* - Write Strobe Input:
This input pin functions as the WR* (Active Low WRITE Strobe)
input signal from the Microprocessor. Once this active-low sig-
nal is asserted, then the input buffers (associated with the Bi-
Directional Data Bus pin, D[7:0]) will be enabled.
The Microprocessor Interface will latch the contents on the Bi-
Directional Data Bus (into the “target” register or address loca-
tion, within the XRT86VL32) upon the rising edge of this input
pin.
Motorola-Asynchronous Mode - R/W* - Read/Write Opera-
tion Identification Input Pin:
This pin is functionally equivalent to the “R/W*” input pin. In the
Motorola Mode, a “READ” operation occurs if this pin is held at
a logic “1”, coincident to a falling edge of the RD/DS* (Data
Strobe) input pin. Similarly a WRITE operation occurs if this pin
is at a logic “0”, coincident to a falling edge of the RD/DS* (Data
Strobe) input pin.
Power PC 403 Mode - R/W* - Read/Write Operation Identifi-
cation Input:
This input pin will function as the “Read/Write Operation Identi-
fication Input” pin.
Anytime the Microprocessor Interface samples this input signal
at a logic low (while also sampling the CS* input pin “low”) upon
the rising edge of PCLK, then the Microprocessor Interface will
(upon the very same rising edge of PCLK) latch the contents of
the Address Bus (A[14:0]) into the Microprocessor Interface cir-
cuitry, in preparation for this forthcoming READ operation. At
some point (later in this READ operation) the Microprocessor
will also assert the DBEN*/OE* input pin, and the Microproces-
sor Interface will then place the contents of the “target” register
(or address location within the XRT86VL32 device) upon the
Bi-Directional Data Bus pins (D[7:0]), where it can be read by
the Microprocessor.
Anytime the Microprocessor Interface samples this input signal
at a logic high (while also sampling the CS* input pin a logic
“low”) upon the rising edge of PCLK, then the Microprocessor
Interface will (upon the very same rising edge of PCLK) latch
the contents of the Address Bus (A[14:0]) into the Microproces-
sor Interface circuitry, in preparation for the forthcoming WRITE
operation. At some point (later in this WRITE operation) the
Microprocessor will also assert the RD*/DS*/WE* input pin, and
the Microprocessor Interface will then latch the contents of the
Bi-Directional Data Bus (D[7:0]) into the contents of the “target”
register or buffer location (within the XRT86VL32).
MICROPROCESSOR INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com