Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
XRT86VL32
35
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
U5
V5
R5
T6
U6
V6
R6
T7
V7
U9
R7
R9
R10
V11
I
-
Microprocessor Interface Address Bus Input
These pins permit the Microprocessor to identify on-chip regis-
ters and Buffer/Memory locations within the XRT86VL32
device whenever it performs READ and WRITE operations with
the XRT86VL32 device.
NOTE:
These pins are internally pulled “Low” with a 50k
Ω
resistor, except ADDR [8:13].
DBEN
U4
I
-
Data Bus Enable Input pin.
This active-low input pin permits the user to either enable or tri-
state the Bi-Directional Data Bus pins (D[7:0]), as described
below.
• Setting this input pin “low” enables the Bi-directional Data
bus.
• Setting this input pin “high” tri-states the Bi-directional Data
Bus.
ALE
U8
I
-
Address Latch Enable Input Address Strobe
The exact behavior of this pin depends upon the type of Micro-
processor/Microcontroller the XRT86VL32 has been configured
to operate in, as defined by the PTYPE[2:0] pins.
Intel-Asynchronous Mode - ALE
This active-high input pin is used to latch the address (present
at the Microprocessor Interface Address Bus pins (A[14:0]) into
the XRT86VL32 Microprocessor Interface block and to indicate
the start of a READ or WRITE cycle.
Pulling this input pin “high” enables the input bus drivers for the
Address Bus input pins (A[14:0]). The contents of the Address
Bus will be latched into the XRT86VL32 Microprocessor Inter-
face circuitry, upon the falling edge of this input signal.
Motorola-Asynchronous (68K) Mode - AS*
This active-low input pin is used to latch the data residing on
the Address Bus, A[14:0] into the Microprocessor Interface cir-
cuitry of the XRT86VL32 device.
Pulling this input pin “low” enables the input bus drivers for the
Address Bus input pins. The contents of the Address Bus will
be latched into the Microprocessor Interface circuitry, upon the
rising edge of this signal.
Power PC 403 Mode - No Function -Tie to GND:
This input pin has no role nor function and should be tied to
GND.
MICROPROCESSOR INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com