Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 16Page - Exar Corporation XRT86VL32IB Datasheet HTML 17Page - Exar Corporation XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
XRT86VL32
17
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
RECEIVE OVERHEAD INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION
RxOH0
RxOH2
C11
K15
O
8
Receive Overhead Output (RxOHn):
These pins function as the Receive Overhead output, or
Receive Signaling Output depending on the receive framer
configuration, as described below.
DS1 Mode
If the RxOH pins have been configured as the destination for
the Data Link bits within an inbound DS1 frame, datalink bits
will be output to the RxOHn pins at either 2kHz or 4kHz
depending on the Receive datalink bandwidth selected.
(Register 0xn10C).
If configured appropriately, signaling information in the
receive signaling array registers (Registers 0xn500-0xn51F)
can also be output to the RxOHn output pins.
E1 Mode
These output pins will always output the contents of the
National Bits (Sa4 through Sa8) if these Sa bits have been
configured to carry Data Link information (Register 0xn10C).
The Receive Overhead Output Interface will provide a clock
edge on RxOHCLKn for each Sa bit carrying Data Link infor-
mation.
If configured appropriately, signaling information in the
receive signaling array registers (Registers 0xn500-0xn51F)
can also be output to the RxOHn output pins.
RxOHCLK0
RxOHCLK2
A9
K17
O
8
Receive Overhead Clock Output (RxOHCLKn):
This pin functions as an overhead output clock signal for the
receive overhead interface, and its function is explained
below.
DS1 Mode
If the RxOH pins have been configured to be the destination
for Datalink bits, the DS1 transmit framer will output a clock
edge for each Data Link Bit. In DS1 ESF mode, the RxO-
HCLK can either be a 2kHz or 4kHz output signal depending
on the selection of Data Link Bandwidth (Register 0xn10C).
Data Link Equipment can clock out datalink bits on the
RxOHn pin using this clock signal.
E1 Mode
The E1 receive framer provides a clock edge for each
National Bit (Sa bits) that is configured to carry data link infor-
mation.
Data Link Equipment can clock out datalink bits on the
RxOHn pin using this clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com