Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 57Page - Exar Corporation XRT86VL32IB Datasheet HTML 58Page - Exar Corporation XRT86VL32IB Datasheet HTML 59Page - Exar Corporation XRT86VL32IB Datasheet HTML 60Page - Exar Corporation XRT86VL32IB Datasheet HTML 61Page - Exar Corporation XRT86VL32IB Datasheet HTML 62Page - Exar Corporation XRT86VL32IB Datasheet HTML 63Page - Exar Corporation XRT86VL32IB Datasheet HTML 64Page - Exar Corporation XRT86VL32IB Datasheet HTML 65Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
XRT86VL32
60
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
POWER PC 403 SYCHRONOUS INTERFACE TIMING
The signals used in the Power PC 403 Synchronus microprocessor interface mode are: Address Strobe (AS),
Microprocessor Clock (uPCLK), Data Strobe (DS), Read/Write Enable (R/W), Chip Select (CS), Address and
Data bits. The interface timing is shown in Figure 15. The I/O specifications are shown in Table 16.
FIGURE 15. POWER PC 403 INTERFACE SIGNALS DURING PROGRAMMED I/O READ AND WRITE OPERATIONS
TABLE 16: POWER PC 403 MICROPROCESSOR INTERFACE TIMING SPECIFICATIONS
SYMBOL
PARAMETER
MIN
MAX
UNITS
t0
Valid Address to CS Falling Edge
0
-
ns
t1
CS Falling Edge to WE Assert
0
-
ns
t2
WE Assert to TA Assert
-
320
ns
NA
WE Pulse Width (t2)
320
-
ns
t3
CS Falling Edge to TS Falling Edge
0
-
tdc
μPCLK Duty Cycle
40
60
%
tcp
μPCLK Clock Period
20
-
ns
CS
ADDR[14:0]
DATA[7:0]
WE
R/W
TA
Valid Data for Readback
Data Available to Write Into the LIU
READ OPERATION
WRITE OPERATION
t
0
t
0
t
2
Valid Address
Valid Address
t
3
t
3
t
1
t
2
TS
uPCLK
t
cp
t
dc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com