Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 52 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 52 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation XRT86VL32IB Datasheet HTML 51Page - Exar Corporation XRT86VL32IB Datasheet HTML 52Page - Exar Corporation XRT86VL32IB Datasheet HTML 53Page - Exar Corporation XRT86VL32IB Datasheet HTML 54Page - Exar Corporation XRT86VL32IB Datasheet HTML 55Page - Exar Corporation XRT86VL32IB Datasheet HTML 56Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
XRT86VL32
49
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
AC ELECTRICAL CHARACTERISTICS RECEIVE OVERHEAD FRAMER
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RxSERCLK as an Output
t21
Rising Edge of RxSERCLK to Rising Edge of
RxSYNC (RxSYNC as Output)
4
nS
t22
Rising Edge of RxSERCLK to Rising Edge of RxO-
HCLK
6
nS
t23
Rising Edge of RxSERCLK to Rising Edge of RxOH
8
nS
RxSERCLK as an Input
t24
Rising Edge of RxSERCLK to Rising Edge of
RxSYNC (RxSYNC as Output)
12
nS
t24
Rising Edge of RxSERCLK to Rising Edge of
RxSYNC (RxSYNC as Input)
230
nS
t25
Rising Edge of RxSERCLK to Rising Edge of RxO-
HCLK
12
nS
t26
Rising Edge of RxSERCLK to Rising Edge of RxOH
15
nS
FIGURE 8. FRAMER SYSTEM RECEIVE OVERHEAD TIMING DIAGRAM (RXSERCLK AS AN OUTPUT)
FIGURE 9. FRAMER SYSTEM RECEIVE OVERHEAD TIMING DIAGRAM (RXSERCLK AS AN INPUT)
RxSERCLK
(Output)
RxOHCLK
RxSYNC
RxOH
t
21
t
22
t
23
RxOH Interface with RxSERCLK as an Input
RxOH
t
24
t
25
t
26
RxSERCLK
(Input)
RxOHCLK
RxSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com