Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 47 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 47 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation XRT86VL32IB Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
XRT86VL32
44
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
AC ELECTRICAL CHARACTERISTICS RECEIVE FRAMER (BASE RATE/NON-MUX)
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RxSERCLK as an Output
t8
Rising Edge of RxSERCLK to Rising Edge of
RxCASYNC
4
nS
t9
Rising Edge of RxSERCLK to Rising Edge of
RxCRCSYNC
4
nS
t10
Rising Edge of RxSERCLK to Rising Edge of
RxSYNC (RxSYNC as Output)
4
nS
t11
Rising Edge of RxSERCLK to Rising Edge of
RxSER
6
nS
t12
Rising Edge of RxSERCLK to Rising Edge of Valid
RxCHN[4:0] data
6
nS
RxSERCLK as an Input
t13
Rising Edge of RxSERCLK to Rising Edge of
RxCASYNC
8
nS
t14
Rising Edge of RxSERCLK to Rising Edge of
RxCRCSYNC
8
nS
t15
Rising Edge of RxSERCLK to Rising Edge of
RxSYNC (RxSYNC as Output)
10
nS
t15
Rising Edge of RxSERCLK to Rising Edge of
RxSYNC (RxSYNC as Input)
230
nS
t16
Rising Edge of RxSERCLK to Rising Edge of
RxSER
10
nS
t17
Rising Edge of RxSERCLK to Rising Edge of Valid
RxCHN[4:0] data
9
nS
FIGURE 3. FRAMER SYSTEM RECEIVE TIMING DIAGRAM (RXSERCLK AS AN OUTPUT)
RxCRCSYNC
RxCASYNC
RxSERCLK
(Output)
RxSER
RxSYNC
RxCHN[4:0]
t
8
t
9
t
10
t
11
t
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com