Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation XRT86VL32IB Datasheet HTML 25Page - Exar Corporation XRT86VL32IB Datasheet HTML 26Page - Exar Corporation XRT86VL32IB Datasheet HTML 27Page - Exar Corporation XRT86VL32IB Datasheet HTML 28Page - Exar Corporation XRT86VL32IB Datasheet HTML 29Page - Exar Corporation XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
XRT86VL32
24
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
RxCHN0_3/
Rx8KHZ0
RxCHN2_3/
Rx8KHZ2
C10
L16
O
8
Receive Time Slot Octet Identifier Output-Bit 3 (RxCHNn_3)
/ Receive 8KHz Clock Output (Rx8KHZn):
The exact function of these pins depends on whether or not the
receive framer enables the receive fractional/signaling inter-
face, as described below:
If receive fractional/signaling interface is disabled -
RxCHNn_3:
These output pins (RxCHNn_4 through RxCHNn_0) reflect the
five-bit binary value of the current time slot being output by the
receive serial interface. System equipment can use the RxCH-
CLKn to sample the five output pins of each channel to identify
the time slot being output on these pins. RxCHNn_3 indicates
Bit 3 of the time slot channel being output.
If receive fractional/signaling interface is enabled -
Rx8KHZn:
These pins output a reference 8KHz clock signal derived from
the MCLKIN input.
NOTE: Receive Fractional/Signaling interface can be enabled
by programming to bit 4 - RxFr1544/RxFr2048 bit from
register 0xn122 to ‘1’.
RxCHN0_4/
RxSCLK0
RxCHN2_4/
RxSCLK2
B10
K16
O
8
Receive Time Slot Octet Identifier Output-Bit 4 (RxCHNn_4)
/ Receive Recovered Line Clock Output (RxSCLKn):
The exact function of these pins depends on whether or not the
receive framer enables the receive fractional/signaling inter-
face, as described below:
If receive fractional/signaling interface is disabled -
RxCHNn_4:
These output pins (RxCHNn_4 through RxCHNn_0) reflect the
five-bit binary value of the current time slot being output by the
receive serial interface. System equipment can use the RxCH-
CLKn to sample the five output pins of each channel to identify
the time slot being output on these pins. RxCHNn_4 indicates
the Most Significant Bit (MSB) of the time slot channel being
output.
If receive fractional/signaling interface is enabled - Receive
Recovered Line Clock Output (RxSCLKn):
These pins output the recovered T1/E1 line clock (1.544MHz in
T1 mode and 2.048MHz in E1 mode) for each channel.
NOTE: Receive Fractional/Signaling interface can be enabled
by programming to bit 4 - RxFr1544/RxFr2048 bit from
register 0xn122 to ‘1’.
RECEIVE SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com