Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 25Page - Exar Corporation XRT86VL32IB Datasheet HTML 26Page - Exar Corporation XRT86VL32IB Datasheet HTML 27Page - Exar Corporation XRT86VL32IB Datasheet HTML 28Page - Exar Corporation XRT86VL32IB Datasheet HTML 29Page - Exar Corporation XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
XRT86VL32
26
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
RECEIVE LINE INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION
RTIP0
RTIP2
E1
J1
I
-
Receive Positive Analog Input (RTIPn):
RTIP is the positive differential input from the line interface. This
input pin, along with the RRING input pin, functions as the “Receive
DS1/E1 Line Signal” input for the XRT86VL32 device.
The user is expected to connect this signal and the RRING input
signal to a 1:1 transformer for proper operation. The center tap of
the receive transformer should have a bypass capacitor of 0.1
μF to
ground (Chip Side) to improve long haul application receive capa-
bilities.
RRING0
RRING2
F1
K1
I
-
Receive Negative Analog Input (RRINGn):
RRING is the negative differential input from the line interface. This
input pin, along with the RTIP input pin, functions as the “Receive
DS1/E1 Line Signal” input for the XRT86VL32 device.
The user is expected to connect this signal and the RTIP input sig-
nal to a 1:1 transformer for proper operation. The center tap of the
receive transformer should have a bypass capacitor of 0.1
μF to
ground (Chip Side) to improve long haul application receive capa-
bilities.
RxLOS_0
RxLOS_1
B7
G16
O
4
Receive Loss of Signal Output Indicator (RLOSn):
The XRT86VL32 device will assert this output pin (i.e., toggle it
“high”) anytime (and for the duration that) the Receive DS1/E1
Framer or LIU block declares the LOS defect condition.
Conversely, the XRT86VL32 device will tri-state this output pin any-
time (and for the duration that) the Receive DS1/E1 Framer or LIU
block is NOT declaring the LOS defect condition.
NOTES:.
1.
This output pin will toggle "high" (to denote that LOS is
being declared) whenever either the Receive DS1/E1
Framer or the Receive DS1/E1 LIU block (associated with
Channel N) declares the LOS defect condition. In other
words, the state of this output pin is a logic OR of the
Framer LOS and the LIU LOS condition.
2.
Since the XRT86VL32 device tri-states this output pin
(anytime the channel is NOT declaring the LOS defect
condition).
Therefore, the user MUST connect a "pull-
down" resistor (ranging from 1K to 10K) to each RxLOS
output pin, in order to pull this output pin to the logic
"LOW" condition, whenever the Channel is NOT declaring
the LOS defect condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com