Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 64 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 64 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 57Page - Exar Corporation XRT86VL32IB Datasheet HTML 58Page - Exar Corporation XRT86VL32IB Datasheet HTML 59Page - Exar Corporation XRT86VL32IB Datasheet HTML 60Page - Exar Corporation XRT86VL32IB Datasheet HTML 61Page - Exar Corporation XRT86VL32IB Datasheet HTML 62Page - Exar Corporation XRT86VL32IB Datasheet HTML 63Page - Exar Corporation XRT86VL32IB Datasheet HTML 64Page - Exar Corporation XRT86VL32IB Datasheet HTML 65Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
XRT86VL32
61
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.0
ORDERING INFORMATION
PACKAGE DIMENSIONS
PRODUCT NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT86VL32IB
225 LEAD PBGA
-400C to +850C
E
225 Ball Plastic Ball Grid Array
(19.0 mm x 19.0 mm, 1.0mm pitch
PBGA)
Rev.
1.00
SYMBOL
MIN
MAX
MIN
MAX
A
0.049
0.096
1.24
2.45
A1
0.016
0.024
0.40
0.60
A2
0.013
0.024
0.32
0.60
A3
0.020
0.048
0.52
1.22
D
0.740
0.756
18.80
19.20
D1
0.669 BSC
17.00 BSC
D2
0.665
0.669
16.90
17.00
b
0.020
0.028
0.50
0.70
e
0.039 BSC
1.00 BSC
INCHES
MILLIMETERS
Note: The control dimension is in millimeter.
1
2
4
3
7
86
5
1
7
1
6
1
4
1
5
1
2
1
3
1
1
1
0
9
1
8
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
D
D1
D
D1
A1
Feature /
Mark
D2
A
A
1
A
2
A
3
e
b
(A1 corner feature is mfger
option)
Seating Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com