Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
XRT86VL32
32
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REQ1
R3
O
8
DMA Cycle Request Output—DMA Controller 1 (Read):
These output pins are used to indicate that DMA transfers
(Read) are requested by the T1/E1 Framer.
On the receive side (i.e., To transmit data from HDLC buffers
within the XRT86VL32 to external DMA Controller), DMA trans-
fers are only requested when the receive buffer contains a
complete message or cell.
The DMA Read cycle starts by T1/E1 Framer asserting the
DMA Request (REQ1) ‘low’, then the external DMA controller
should drive the DMA Acknowledge (ACK1) ‘low’ to indicate
that it is ready to receive the data. The T1/E1 Framer should
place new data on the Microprocessor data bus each time the
Read Signal is Strobed low if the RD is configured as a Read
Strobe. If RD is configured as a direction signal, then the T1/E1
Framer would place new data on the Microprocessor data bus
each time the Write Signal (WR) is Strobed low.
The Framer asserts this output pin (toggles it "Low") when one
of the Receive HDLC buffer contains a complete HDLC mes-
sage that needs to be read by the µC/µP.
The Framer negates this output pin (toggles it “High”) when the
Receive HDLC buffers are depleted.
INT
R8
O
8
Interrupt Request Output:
This active-low output signal will be asserted when the
XRT86VL32 device is requesting interrupt service from the
Microprocessor. This output pin should typically be connected
to the “Interrupt Request” input of the Microprocessor.
The Framer will assert this active "Low" output (toggles it "Low"),
to the local µP, anytime it requires interrupt service.
PCLK
V1
I
-
Microprocessor Clock Input:
This clock input signal is only used if the Microprocessor Inter-
face has been configured to operate in the Synchronous
Modes (e.g., Power PC 403 Mode). If the Microprocessor Inter-
face is configured to operate in this mode, then it will use this
clock signal to do the following.
1. To sample the CS*, WR*/R/W*, A[14:0], D[7:0], RD*/DS*
and DBEN input pins, and
2. To update the state of the D[7:0] and the RDY/DTACK
output signals.
NOTES:
1.
The Microprocessor Interface can work with PCLK
frequencies ranging up to 33MHz.
2.
This pin is inactive if the user has configured the
Microprocessor Interface to operate in either the Intel-
Asynchronous or the Motorola-Asynchronous Modes.
In this case, the user should tie this pin to GND.
When DMA interface is enabled, the PCLK input pin is also
used by the T1/E1 Framer to latch in or latch out receive or out-
put data respectively.
iADDR
U1
I
-
This Pin Must be Tied “Low” for Normal Operation.
This pin is internally pulled “High” with a 50k
Ω resistor.
MICROPROCESSOR INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com