Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 38Page - NXP Semiconductors SC28L198 Datasheet HTML 39Page - NXP Semiconductors SC28L198 Datasheet HTML 40Page - NXP Semiconductors SC28L198 Datasheet HTML 41Page - NXP Semiconductors SC28L198 Datasheet HTML 42Page - NXP Semiconductors SC28L198 Datasheet HTML 43Page - NXP Semiconductors SC28L198 Datasheet HTML 44Page - NXP Semiconductors SC28L198 Datasheet HTML 45Page - NXP Semiconductors SC28L198 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
42
DC ELECTRICAL SPECIFICATIONS FOR COMMERCIAL AND INDUSTRIAL (5V)
VCC = 5.0 volts " 10%; TA = –40 to 85°C; unless otherwise specified
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS
MIN
TYP1
MAX
VIL
VIH
VIH
Input low voltage2
Input high voltage (except X1/CLK)
Input high voltage (X1/CLK)
VSS
2.0
0.8VCC
0.8
Vcc
Vcc
V
VOL3
VOH
VOL3
Output low voltage4
Output high voltage (except OD outputs)
Open Drain low voltage
IOL = 4.0mA
IOH = –400 mA
IOH = –100 mA
IOL = 14.0 ma
0.8VCC
0.9VCC
0.15
<0.25
0.4
0.4
V
V
IIL
IIH
Input current low, I/O pins
Input current high, I/O pins
VIN = 0
ViN = Vcc
–10
<0.1
<0.1
10
mA
IL
Input leakage current
VIN = 0 to Vcc
–5
<1
5
mA
IILCKX1
IIHCKX1
X1/CLK input low current
X1/CLK input high current
VIN=Vss,X2=Open
VIN=Vcc, X2=Open
–450
450
mA
IOZH
IOZL
Output off current high, 3–state data bus
Output off current low, 3–state data bus
VIN = VCC
VIN = 0
–10
<.1
<.1
10
mA
mA
IODL
IODH
Open–drain output low current in off state
Open drain output high current in off state
VIN = 0
VIN = VCC
–10
<.1
<.1
10
mA
ICC
Power supply current
Operating mode 33 MHz
Static Power down (No clocks, Open drains off,
inputs at Vss or Vcc)
TTL Input levels
CMOS input levels
CMOS input levels
100
26
0.6
150
40
5
mA
mA
mA
NOTES:
1. Typical values are at +25
°C, typical supply voltage and typical processing parameters.
2. All voltage measurements are referenced to VSS. For testing, all inputs swing between 0.4V and 2.4V with a transition time of 10nS
maximum. For X1/CLK this swing is between 0.4V and 4.4V. all time measurements are referenced at input voltages of VIL and VIH as
appropriate.
3. Test conditions for itnerrupt and I/O outputs: CL = 50pF. Test conditions for the rest of the outputs: CL = 60pF.
4. Simultaneous switching more than 6 I/O port pins from 5 volts to 0 volts at full capacitive load may ground bounce on the output pins up to
0.95 volts.
5. All RX, TX, Brg Timer, I/O pins operating at 16MHz. Sclk at 35MHz and VCC at 5.6 volts. A worst case environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com