Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 44Page - NXP Semiconductors SC28L198 Datasheet HTML 45Page - NXP Semiconductors SC28L198 Datasheet HTML 46Page - NXP Semiconductors SC28L198 Datasheet HTML 47Page - NXP Semiconductors SC28L198 Datasheet HTML 48Page - NXP Semiconductors SC28L198 Datasheet HTML 49Page - NXP Semiconductors SC28L198 Datasheet HTML 50Page - NXP Semiconductors SC28L198 Datasheet HTML 51Page - NXP Semiconductors SC28L198 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
48
SCLK
CEN
W_RN
ADDRESS
DATA
DACKN
INVALID
VALID
C1
C2
C3
C4
tCS
INVALID
INVALID
VALID
INVALID
tRWS
tAS
tAH
tDS
DAKDLY
tDH
C4
DAKDLY
CEN HIGH
tCH
tRWD
tRWH
SD00194
Figure 2. Basic Write Cycle, ASYNC
SCLK
CEN
W_RN
ADDRESS
DATA
DACKN
INVALID
VALID
C1
C2
C3
C4
tCS
INVALID
INVALID
VALID
INVALID
tRWS
tAS
tAH
tDS
DAKDLY
tDH
C4
DAKDLY
C4 END
tCH
tSTP
tRWH
SD00195
C1
C2
Figure 3. Basic Write Cycle, SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com