Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 25Page - NXP Semiconductors SC28L198 Datasheet HTML 26Page - NXP Semiconductors SC28L198 Datasheet HTML 27Page - NXP Semiconductors SC28L198 Datasheet HTML 28Page - NXP Semiconductors SC28L198 Datasheet HTML 29Page - NXP Semiconductors SC28L198 Datasheet HTML 30Page - NXP Semiconductors SC28L198 Datasheet HTML 31Page - NXP Semiconductors SC28L198 Datasheet HTML 32Page - NXP Semiconductors SC28L198 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
29
Table 32. GIBCR – Global Interrupting Byte Count
Register
Bits 7:4
Bits 3:0
Reserved
Channel byte count code
0000 = 1 AND RxRDY status set for RxFIFO
0000 = 1 AND TxRDY status set for TxD
0001 = 2
0010 = 3
.
1111 = 16
A register associated with the interrupting channel as defined in the
CIR. Its numerical value equals
the number of bytes minus 1 (count – 1) ready for transfer to the
transmitter or transfer from the receiver. It is undefined for other
types of interrupts
Table 33. Global Interrupting Type Register
Bit 7:6
Bit 5
Bit 4:3
Bit 2:0
Receiver Interrupt
Transmitter Interrupt
Reserved
Other types
0x – not receiver
10 – with receive errors
11 – w/o receive errors
0 – not transmitter
1 – transmitter interrupt
read b’00
000 – not ”other” type
001 – Change of State
010 – Address Recognition
Event
011 – Xon/Xoff status
100 – Not used
101 – Break Change
11x – do not occur
A register associated with the interrupting channel as defined in the
CIR. It contains the type of interrupt code for all interrupts.
Table 34. GRxFIFO – Global RxFIFO Register
Bits 7:0
8 data bits of RxFIFO. MSBs set to 0 for 7, 6, 5 bit data
The RxFIFO of the channel indicated in the CIR channel field.
Undefined when the CIR interrupt context is not a receiver interrupt.
Global TxFIFO Register
Table 35. GTxFIFO – Global TxFIFO Register
Bits 7:0
8 data bits of TxFIFO. MSBs not used for 7, 6, 5 bit data
The TxFIFO of the channel indicated in the CIR channel field.
Undefined when the CIR interrupt context is not a transmitter
interrupt. Writing to the GTxFIFO when the current interrupt is not a
transmitter event may result in the characters being transmitted on a
different channel than intended.
Table 36. IPR – Input Port Register,
Bit 7
Bit 6
Bit 7
Bit 6
Bit 3
Bit 2
Bit 1
Bit 0
I/O3
change
I/O2
change
I/O1
change
I/O0
change
I/O3
state
I/O2
state
I/O1
state
I/O0
state
0 – no change
1 – change
0 – no change
1 – change
0 – no change
1 – change
0 – no change
1 – change
The actual logic level at the I/O pin.
1 = high level; 0 =– low level.
This register may be read to determine the current level of the I/O
pins and examine the output of the change detectors assigned to
each pin. If the change detection is not enabled or if the pin is
configured as an output, the associated change field will read b’0.
Table 37. I/OPIOR – I/O Port Interrupt and Output Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I/O3 enable
I/O2 enable
I/O1 enable
I/O0 enable
I/O3 output
I/O2 output
I/O1 output
I/O0 output
0 – disable
1 – enable
0 – disable
1 – enable
0 – disable
1 – enable
0 – disable
1 – enable
OPR[3]
OPR[2]
OPR[1]
OPR[0]
I/OPIOR[7:4] bits activate the input change of state detectors. If a
pin is configured as an output, a b’1 value written to a I/O field has
no effect.
I/OPIOR[3:0] bits hold the datum which is the inverse of the datum
driven to its associated I/O pin when the I/OPCR control bits for that
pin are programmed to b’01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com