Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 21Page - NXP Semiconductors SC28L198 Datasheet HTML 22Page - NXP Semiconductors SC28L198 Datasheet HTML 23Page - NXP Semiconductors SC28L198 Datasheet HTML 24Page - NXP Semiconductors SC28L198 Datasheet HTML 25Page - NXP Semiconductors SC28L198 Datasheet HTML 26Page - NXP Semiconductors SC28L198 Datasheet HTML 27Page - NXP Semiconductors SC28L198 Datasheet HTML 28Page - NXP Semiconductors SC28L198 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
25
Note: This bit must be at a one (1) for the receiver to enter the
arbitration process. It is the fact that this bit is zero (0) when the
RxFIFO is empty that stops an empty FIFO from entering the
interrupt arbitration. Also note that the meaning if this bit is not quite
the same as the similar bit in the status register (SR).
ISR[0] – Transmitter Ready
The general function of this bit is to indicate that the TxFIFO has an
at least one empty space for data. The particular meaning of the bit
is controlled by MR0[5:4] indicates the TxFIFO may be loaded with
one or more characters. If MR0[5:4] = 00 (the default condition) this
bit will not set until the TxFIFO is empty – sixteen bytes available. If
the fill level of the TxFIFO is below the trigger level programmed by
the TxINT field of the Mode Register 0, this bit will be set. A one in
this position indicates that at least one character can be sent to the
TxFIFO. It is turned off as the TxFIFO is filled above the level
programmed by MR0[5:4. This bit turns on as the FIFO empties; the
RxFIFO bit turns on as the FIFO fills. This often a point of confusion
in programming interrupt functions for the receiver and transmitter
FIFOs.
Note: This bit must be at a one (1) for the transmitter to enter the
arbitration process. It is the fact that this bit is zero (0) when the
RxFIFO is full that stops a full FIFO from entering the interrupt
arbitration. Also note that the meaning if this bit is not quite the
same as the similar bit in the status register (SR).
Table 12. IMR – Interrupt Mask Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I/O Port change
of state
Receiver Watch-dog
Time–out
Address recogni-
tion event
Xon/off event
Set to 0
Change of
Break State
RxRDY inter-
rupt
TxRDY inter-
rupt
The programming of this register selects which bits in the ISR cause
an interrupt output. If a bit in the ISR is a ’1’ and the corresponding
bit in the IMR is a ’1’, the interrupt source is presented to the internal
interrupt arbitration circuits, eventually resulting in the IRQN output
being asserted (low). If the corresponding bit in the IMR is a zero,
the state of the bit in the ISR has no affect on the IRQN output.
IMR[7] – Controls if a change of state in the inputs equipped with
input change detectors will cause an interrupt.
IMR[6] – Controls the generation of an interrupt by the watch-dog
timer event. If set, a count of 64 idle bit times in the receiver will
begin interrupt arbitration.
IMR[5] – Enables the generation of an interrupt in response to
changes in the Address Recognition circuitry of the Special Mode
(multi-drop or wake–up mode).
IMR[4] – Enables the generation of an interrupt in response to
recognition of an in–band flow control character.
IMR[3] – Reserved
IMR[2] – Enables the generation of an interrupt when a Break
condition has been detected by the channel receiver.
IMR[1] – Enables the generation of an interrupt when servicing for
the RxFIFO is desired.
IMR[0] – Enables the generation of an interrupt when servicing for
the TxFIFO is desired.
Table 13. RxFIFO Receiver FIFO
Bit[10]
Bit[9]
Bit[8]
Bits [7:0]
Break
Received
Status
Framing
Error Sta-
tus
Parity
Error Sta-
tus
8 data bits
MSBs =0 for 7,6,5 bit
data
The FIFO for the receiver is 11 bits wide and 16 ”words” deep. The
status of each byte received is stored with that byte and is moved
along with the byte as the characters are read from the FIFO. The
upper three bits are presented in the STATUS register and they
change in the status register each time a data byte is read from the
FIFO. Therefor the status register should be read BEFORE the byte
is read from the RxFIFO if one wishes to ascertain the quality of the
byte
The forgoing applies to the ”character error” mode of status
reporting. See MR1[5] and ”RxFIFO Status” descriptions for ”block
error” status reporting. Briefly ”Block Error” gives the accumulated
error of all bytes received in the RxFIFO since the last “Reset Error”
command was issued. (CR = x’04)
Table 14. TxFIFO – Transmitter FIFO
Bits 7:0
8 data bits. MSBs set to 0 for 7, 6, 5 bit data
The FIFO for the transmitter is 8 bits wide by 16 bytes deep. For
character lengths less than 8 bits the upper bits will be ignored by
the transmitter state machine and thus are effectively discarded.
Table 15. BCRBRK – Bidding Control Register –
Break Change
Bits 7:3
Bits 2:0
Reserved
MSB of break change interrupt bid
This register provides the 3 MSBs of the Interrupt Arbitration number
for a break change interrupt.
Table 16. BCRCOS – Bidding Control Register –
Change of State
Bits 7:3
Bits 2:0
Reserved
MSB of a COS interrupt bid
Read as x’0
This register provides the 3 MSBs of the Interrupt Arbitration number
for a Change of State, COS, interrupt.
Table 17. BCRx – Bidding Control Register – Xon
Bits 7:3
Bits 2:0
Reserved
MSB of an Xon/Xoff interrupt bid
This register provides the 3 MSBs of the Interrupt Arbitration number
for an Xon/Xoff interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com