Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 47Page - NXP Semiconductors SC28L198 Datasheet HTML 48Page - NXP Semiconductors SC28L198 Datasheet HTML 49Page - NXP Semiconductors SC28L198 Datasheet HTML 50Page - NXP Semiconductors SC28L198 Datasheet HTML 51Page - NXP Semiconductors SC28L198 Datasheet HTML 52Page - NXP Semiconductors SC28L198 Datasheet HTML 53Page - NXP Semiconductors SC28L198 Datasheet HTML 54Page - NXP Semiconductors SC28L198 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
51
fSCLK
tSCLKL
T/RFSCLK
tSCLKH
SD00199
Figure 8. SCLK Timing
FC/T
TC/TL
T/RFSCLK
TC/TH
TC/TO
SD00200
Figure 9. Counter/Timer Baud Rate Clock, External
Frx
Trx
T/RF
TC/TH
TC/TO
Ttx
Ftx
SD00201
Figure 10. Tx/Rx Clock Timing, External
1X DATA CLOCK
tRXS
tRXH
tTXD
RxD
TxD
SD00202
Figure 11. Transmitter and Receiver Timing
Note: CEN must not be active during an IACKN cycle. If CEN is
active IACKN will be ignored and a normal read or write will be
executed according to W_RN.
In the synchronous mode extended IACKN signal cycle will start
another IACKN. (This may not be desired but is allowed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com