Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 22Page - NXP Semiconductors SC28L198 Datasheet HTML 23Page - NXP Semiconductors SC28L198 Datasheet HTML 24Page - NXP Semiconductors SC28L198 Datasheet HTML 25Page - NXP Semiconductors SC28L198 Datasheet HTML 26Page - NXP Semiconductors SC28L198 Datasheet HTML 27Page - NXP Semiconductors SC28L198 Datasheet HTML 28Page - NXP Semiconductors SC28L198 Datasheet HTML 29Page - NXP Semiconductors SC28L198 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
26
Table 18. BCRA – Bidding Control Register –
Address
Bits 7:3
Bits 2:0
Reserved
MSB of an address recognition event in-
terrupt bid
This register provides the 3 MSBs of the Interrupt Arbitration number
for an address recognition event interrupt.
Table 19. XonCR – Xon Character Register
Bits 7:0
8 Bits of the Xon Character Recognition
An 8 bit character register that contains the compare value for an
Xon character.
Table 20. XoffCR – Xoff Character Register
Bits 7:0
8 Bits of the Xoff Character Recognition
An 8 bit character register that contains the compare value for an
Xoff character.
Table 21. ARCR – Address Recognition Character
Register
Bits 7:0
8 Bits of the Multi–Drop Address Character Recognition
An 8 bit character register that contains the compare value for the
wake–up address character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com