Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 8Page - NXP Semiconductors SC28L198 Datasheet HTML 9Page - NXP Semiconductors SC28L198 Datasheet HTML 10Page - NXP Semiconductors SC28L198 Datasheet HTML 11Page - NXP Semiconductors SC28L198 Datasheet HTML 12Page - NXP Semiconductors SC28L198 Datasheet HTML 13Page - NXP Semiconductors SC28L198 Datasheet HTML 14Page - NXP Semiconductors SC28L198 Datasheet HTML 15Page - NXP Semiconductors SC28L198 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
12
the four I/O pins and their COS detectors is available at any time in
the IPR (Input Port Register)
The control of data and COS enable for these ports is through the
I/OPIOR register. This is a read/write register and gives individual
control to the enabling of the change of state detectors and also to
the level driven by I/O pins when programmed to drive the logic level
written to the four lower bits of the I/OPIOR. A read of this register
will indicate the data on the pin at the time of the read and the state
of the enabled COS detectors.
General Purpose Pins
In addition to the I/O ports for each UART four other ports are
provided which service the entire chip. Two are dedicated as inputs
and one as an output. The GIN1 and GIN0 are the input pins; GOUT0
the output. These ports are multiplexed to nearly every functional
unit in the chip. See the registers which describe the multitude of
connections available for these pins. The GOUT0 pin is highly
multiplexed output and is controlled by four (4) registers: GPOSR,
GPOR, GPOC and GPOD. The GIN0 and GIN1 pins are available to
the receivers and transmitters, BRG counters and the GOUT0 pin.
Global Registers
The ”Global Registers”, 19 in all, are driven by the interrupt system.
These are not real hardware devices. They are defined by the
content of the CIR (Current Interrupt Register) as a result of an
interrupt arbitration. In other words they are indirect registers
pointed to by the content of the CIR. The list of global register
follows:
GIBCR
The byte count of the interrupting FIFO
GICR
Channel number of the interrupting channel
GITR
Type identification of interrupting channel
GRxFIFO Pointer to the interrupting receiver FIFO
GTxFIFO Pointer to the interrupting transmitter FIFO
A read of the GRxFIFO will give the content of the RxFIFO that
presently has the highest bid value. The purpose of this system is
to enhance the efficiency of the interrupt system. The global
registers and the CIR update procedure are further described in the
Interrupt Arbitration system
Character Recognition
The character recognition circuits are basically designed to provide
general purpose character recognition. Additional control logic has
been added to allow for Xon/Xoff flow control and for recognition of
the address character in the multi-drop or ”wake–up” mode. This
logic also allows for the generation of an interrupts in either the
general purpose recognition mode or the specific conditions
mentioned above.
Xon Xoff Characters
The programming of these characters is usually done individually.
However a method has been provided to write to all of registers in
one operation. There are ”Gang Load” and a ”Gang Write”
commands provided in the channel A Command Register. When
these commands are executed all registers are programmed with
the same characters. The ”write” command loads a used defined
character; the ’load” command loads the standard Xon/Xoff
characters. Xon is x’11; Xoff x’13’. Any enabling of the Xon/Xoff
functions will use the contents of the Xon and Xoff character
registers as the basis on which recognition is predicated.
Multi-drop or Wake up or 9 bit mode
This mode is used to address a particular UART among a group
connected to the same serial data source. Normally it is
accomplished by redefining the meaning of the parity bit such that it
indicates a character as address or data. While this method is fully
supported in the SC28L198 it also supports recognition of the
character itself. Upon recognition of its address the receiver will be
enabled and data pushed onto the RxFIFO.
Further the Address recognition has the ability, if so programmed, to
disable (not reset) the receiver when an address is seen that is not
recognized as its own. The particular features of ”Auto Wake and
Auto Doze” are described in the detail descriptions below.
Note: Care should be taken in the programming of the character
recognition registers. Programming x’00, for example, may result in
a break condition being recognized as a control character. This will
be further complicated when binary data is being processed.
Character Stripping
The MR0 register provides for stripping the characters used for
character recognition. Recall that the character recognition may be
conditioned to control several aspects of the communication.
However this system is first a character recognition system. The
status of the various states of this system are reported in the XISR
and ISR registers. The character stripping of this system allows for
the removal of the specified control characters from the data stream:
two for the Xon /Xoff and one for the wake up. Via control in the
MR0 register these characters may be discarded (stripped) from the
data stream when the recognition system “sees” them or they may
be sent on the RxFIFO. Whether they are stripped or not the
recognition will process them according to the action requested: flow
control, wake up, interrupt generation, etc. Care should be
exercised in programming the stripping option if noisy environments
are encountered. If a normal character was corrupted to an Xoff
character turned off the transmitter and it was then stripped, then the
stripping action could make it difficult to determine the cause of
transmitter stopping.
Interrupt Arbitration and IRQN generation
Interrupt arbitration is the process used to determine that an
interrupt request should be presented to the host. The arbitration is
carried out between the ”Interrupt Threshold” and the ”sources”
whose interrupt bidding is enabled by the IMR. The interrupt
threshold is part of the ICR (Interrupt Control Register) and is a
value programmed by the user. The ”sources” present a value to
the interrupt arbiter. That value is derived from four fields: the
channel number, type of interrupt source, FIFO fill level, and
programmable value. . Only when one or more of these values
exceeds the threshold value in the interrupt control register will the
interrupt request (IRQN) be asserted.
Following assertion of the IRQN the host will either assert
IACKN(Interrupt Acknowledge) or will use the command to ”Update
the CIR”. At the time either action is taken the CIR will capture the
value of the source that is prevailing in the arbitration process. (Call
this value the winning bid)
The value in the CIR is the central quantity that results from the
arbitration. It contains the identity of the interrupting channel, the
type of interrupt in that channel (RxD, TxD, COS etc.) the fill levels
of the RxD or TxD FIFOs and , in the case of an RxD interrupt an
indicator of error data or good data. It also drives the Global
Registers associated with the interrupt. Most importantly it drives
the modification of the Interrupt Vector.
The arbitration process is driven by the Sclk. It scans the 10 bits of
the arbitration bus at the Sclk rate developing a value for the CIR
every 22 Sclk cycles. New arbitration values presented to the
arbitration block during an arbitration cycle will be evaluated in the
next arbitration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com