Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 11Page - NXP Semiconductors SC28L198 Datasheet HTML 12Page - NXP Semiconductors SC28L198 Datasheet HTML 13Page - NXP Semiconductors SC28L198 Datasheet HTML 14Page - NXP Semiconductors SC28L198 Datasheet HTML 15Page - NXP Semiconductors SC28L198 Datasheet HTML 16Page - NXP Semiconductors SC28L198 Datasheet HTML 17Page - NXP Semiconductors SC28L198 Datasheet HTML 18Page - NXP Semiconductors SC28L198 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
15
The remote loop back mode (also used for diagnostic purposes) is
similar to auto echo except that the characters are not sent to the
local CPU, nor is the receiver status updated. The received data is
sent directly to the transmitter where it is sent out on the TxD output.
The received data is not sent to the receive FIFO and hence the
host will not normally be participating in any diagnostics.
Minor Modes
The minor modes provide additional features within the major
modes. In general the minor modes provide a reduction in the
control burden and a less stringent interrupt latency time for the host
processor. These modes could be invoked in all of the major
modes.. However it may not be reasonable in many situations.
Watch-dog Timer Time–out Mode
Each receiver in the Octal UART is equipped with a watch-dog timer
that is enabled by the ”Watch-dog Timer Enable Register (WTER).
The watch-dog ”barks” (times out) if 64 counts of the receiver clock
(64 bit times) elapse with no RxFIFO activity. RxFIFO events are a
read of the RxFIFO or GRxFIFO, or the push of a received character
into the RxFIFO. The timer resets when the (G)RxFIFO is read or if
another character is pushed into the RxFIFO. The receiver
watch-dog timer is included to allow detection of the very last
character(s) of a received message that may be waiting in the
RxFIFO, but are too few in number to successfully initiate an
interrupt. The watch-dog timer is enabled for counting if the
channel’s bit in the Watch Dog Timer Control Register (WDTCR) is
set. Note: a read of the GRxFIFO will reset the watch-dog timer of
only the channel specified in the current interrupt context. Other
watch-dogs are unaffected.
The watch-dog timer may generate an input to the interrupt arbiter if
IMR[6] is set. The status of the Watch-dog timer can be seen as Bit
6 of the Interrupt Status Register, ISR[6]. When a Watch-dog timer
that is programmed to generate an interrupt times out it enters the
arbitration process. It will then only allow receivers to enter the
enter the arbitration. All other sources are bidding sources are
disabled. The receivers arbitrate only amongst themselves.. The
receiver only interrupt mode of the interrupt arbiter continues until
the last watch-dog timer event has been serviced. While in the
receiver only interrupt mode, the control of the interrupt threshold
level is also disabled. The receivers arbitrate only between
themselves. The threshold value is ignored. The receiver with the
most FIFO positions filled will win the bid. Hence the user need not
reduce the bidding threshold level in the ICR to see the interrupt
from a nearly empty RxFIFO that may have caused the watch-dog
time–out.
Note: When any watch-dog times our only the receivers arbitrate.
There is no increase in the probability of receiver being serviced
causing the overrun of another receiver since they will still have
priority based upon received character count.
The interrupt will be cleared automatically upon the push of the next
character received or when the RxFIFO or GRxFIFO is read. The
ICR is unaffected by the watch-dog time–out interrupt and normal
interrupt threshold level sensing resumes after the last watch-dog
timer event has been processed. If other interrupt sources are
active, the IRQN pin may remain low.
Wake Up Mode
The SC28L198 provides two modes of this common asynchronous
“party line” protocol: the new automatic mode with 3 sub modes and
the default Host operated mode. The automatic mode has several
sub modes (see below). In the full automatic the internal state
machine devoted to this function will handle all operations
associated with address recognition, data handling, receiver enables
and disables. In both modes the meaning of the parity bit is
changed. It is often referred to as the A/D bit or the address/data
bit. It is used to indicate whether the byte presently in the receiver
shift register is an ”address” byte or a ”data” byte. ”1” usually means
address; ”0” data.
Its purpose is to allow several receivers connected to the same data
source to be individually addressed. Of course addressing could be
by group also. Normally the ”Master” would send an address byte to
all receivers ”listening” The receiver would then recognize its
address and enable itself receiving the following data stream. Upon
receipt of an address not its own it would then disable itself. As
descried below appropriate status bits are available to describe the
operation.
Enabling the Wake Up mode
This mode is selected by programming bits MR1[4:3] to ’11’. The
sub modes are controlled by bits 6, 1, 0 in the MR0 register. Bit 6
controls the loading of the address byte to the RxFIFO and MR0[1:0]
determines the sub mode as shown in the following table.
MR0[1:0] = 00
Normal Wake Up Mode (default). Host controls
operation via interrupts and commands written to
the command register (CR).
MR0[1:0] = 01
Auto wake. Enable receiver on address
recognition for this station. Upon recognition of
its assigned address, in the Auto Wake mode,
the local receiver will be enabled and normal
receiver communications with the host will be
established.
MR0[1:0] = 10
Auto Doze. Disable receiver on address
recognition, not for this station. Upon recognition
of an address character that is not its own, in the
Auto Doze mode, the receiver will be disabled
and the address just received either discarded or
pushed to the RxFIFO depending on the
programming of MR0[6].
MR0[1:0] = 11
Auto wake and doze. Both modes above. The
programming of MR0[1:0] to 11 will enable both
the auto wake and auto doze features.
The enabling of the wake–up mode executes a partial enabling
of the receiver state machine. Even though the receiver has
been reset the wake up mode will over ride the disable and
reset condition.
Normal Wake up (The default configuration)
In the default configuration for this mode of operation, a ’master’
station transmits an address character followed by data characters
for the addressed ’slave’ station. The slave stations, whose
receivers are normally disabled (not reset), examine the received
data stream and interrupts the CPU (by setting RxRDY) only upon
receipt of an address character. The CPU (host) compares the
received address to its station address and enables the receiver if it
wishes to receive the subsequent data characters. Upon receipt of
another address character, the CPU may disable the receiver to
initiate the process again
. A transmitted character consists of a start bit, the programmed
number of data bits, an address/data (A/D) bit, and the programmed
number of stop bits. The polarity of the transmitted A/D bit is
selected by the CPU by programming bit MR1[2]. MR1[2] = 0
transmits a zero in the A/D bit position which identifies the
corresponding data bits as data. MR1[2] = 1 transmits a one in the
A/D bit position which identifies the corresponding data bits as an
address. The CPU should program the mode register prior to
loading the corresponding data bytes into the TxFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com