Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 34Page - NXP Semiconductors SC28L198 Datasheet HTML 35Page - NXP Semiconductors SC28L198 Datasheet HTML 36Page - NXP Semiconductors SC28L198 Datasheet HTML 37Page - NXP Semiconductors SC28L198 Datasheet HTML 38Page - NXP Semiconductors SC28L198 Datasheet HTML 39Page - NXP Semiconductors SC28L198 Datasheet HTML 40Page - NXP Semiconductors SC28L198 Datasheet HTML 41Page - NXP Semiconductors SC28L198 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
38
A(7:0)
UART C
A(7:0)
Read
Write
1010 0000 (xA0)
Mode Register c (MR2c)
Mode Register c (MR2c)
1010 0001 (xA1)
Status Register c (SRc)
Command Register c (CRc)
1010 0010 (xA2)
Interrupt Status Register c (ISRc)
Interrupt Mask Register c (IMRc)
1010 0011 (xA3)
Receiver FIFO Reg c (RxFIFOc)
Transmitter FIFO Reg c (TxFIFOc)
1010 0100 (xA4)
Input Port Reg c (IPRc)
Reserved
1010 0101 (xA5)
I/O Port Interrupt and Output c (I/OPIORc)
I/O Port Interrupt and Output c (I/OPIORc)
1010 0110 (xA6)
Xon/Xoff Interrupt Status Reg c (XISRc)
Reserved
1010 0111 (xA7)
Reserved
Reserved
1010 1000 (xA8)
Reserved
Reserved
1010 1001 (xA9)
Reserved
Reserved
1010 1010 (xAA)
Reserved
Reserved
1010 1011 (xAB)
Reserved
Reserved
1010 1100 (xAC)
Reserved
Reserved
1010 1101 (xAD)
Reserved
Reserved
1010 1110 (xAE)
Reserved
Reserved
1010 1111 (xAF)
Reserved
Reserved
A(7:0)
UART D
A(7:0)
Read
Write
1011 0000 (xB0)
Mode Register d (MR2d)
Mode Register d (MR2d)
1011 0001 (xB1)
Status Register d (SRd)
Command Register d (CRd)
1011 0010 (xB2)
Interrupt Status Register d (ISRd)
Interrupt Mask Register d (IMRd)
1011 0011 (xB3)
Receiver FIFO Reg d (RxFIFOd)
Transmitter FIFO Reg d (TxFIFOd)
1011 0100 (xB4)
Input Port Reg d (IPRd)
Reserved
1011 0101 (xB5)
I/O Port Interrupt and Output d (I/OPIORd)
I/O Port Interrupt and Output d (I/OPIORd)
1011 0110 (xB6)
Xon/Xoff Interrupt Status Reg d (XISRd)
Reserved
1011 0111 (xB7)
Reserved
Reserved
1011 1000 (xBB)
Reserved
Reserved
1011 1001 (xB9)
Reserved
Reserved
1011 1010 (xBA)
Reserved
Reserved
1011 1011 (xBB)
Reserved
Reserved
1011 1100 (xBC)
Reserved
Reserved
1011 1101 (xBD)
Reserved
Reserved
1011 1110 (xBE)
Reserved
Reserved
1011 1111 (xBF)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com