Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 39Page - NXP Semiconductors SC28L198 Datasheet HTML 40Page - NXP Semiconductors SC28L198 Datasheet HTML 41Page - NXP Semiconductors SC28L198 Datasheet HTML 42Page - NXP Semiconductors SC28L198 Datasheet HTML 43Page - NXP Semiconductors SC28L198 Datasheet HTML 44Page - NXP Semiconductors SC28L198 Datasheet HTML 45Page - NXP Semiconductors SC28L198 Datasheet HTML 46Page - NXP Semiconductors SC28L198 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
43
AC ELECTRICAL CHARACTERISTICS FOR COMMERCIAL AND INDUSTRIAL (5V)
VCC = 5.0 volts " 10%; TA = –40 to 85°C; unless otherwise specified
SYMBOL
FIG #
PARAMETER
LIMIT
UNIT
MIN
TYP
MAX
Reset Timing
tRES1
RESET pulse width
10
Sclk
Bus Timing
tAS
A0–A7 setup time before Sclk C3 rising edge
10
2
ns
tAH
A0–A7 hold time after Sclk C3 rising edge
18
8
ns
tCS
CEN setup time before Sclk C1 high (Sync)
5
3
ns
CEN setup time before Sclk C2 high (Async)
5
3
ns
tCH
CEN hold time after Sclk C3 high (Sync)
14
1
½Sclk
ns
CEN hold time after Sclk C4 high (Async)
25
1
½Sclk
ns
tSTP
CEN high before next C2 to stop next cycle (Sync Mode)2
18
ns
tRWS
W–Rn setup time before Sclk C2 rising edge
5
ns
tRWH
W–Rn hold time after Sclk C3 rising edge
14
1
½Sclk
ns
tDD
Read cycle Data valid after Sclk C3 rising edge
12
25
ns
tDF
Read cycle data bus floating after CEN high (Sync)
10
16
ns
Read cycle data bus floating after C4 end high (Async)
10
15
ns
tDS
Write cycle data setup time before Sclk C4 rising edge
25
14
ns
tDH
Write cycle data hold time after Sclk C4 rising edge
15
8
ns
tRWD
High time between CEN low (Async)
12
½ Sclk
ns
I/O Port Pin Timing
tPS
I/O input setup time before Sclk C3 rising edge
18
4
ns
tPH
I/O input hold time after Sclk C4 rising edge
12
1
ns
tPD
I/O output valid from:
Write Sclk C4 rising edge (write to IOPIOR)
32
50
ns
Interrupt Timing
tIR
IRQN from:
Internal interrupt source active bid
Reset to IRQN inactive
Write IMR (set or clear IMR bit)3
22
26
43
75
45
Sclk
ns
ns
tDD
IACKN cycle Data valid after Sclk C3 rising edge
12
25
ns
Tx/Rx Clock Timing
tRX
RxC high or low time
15
8
ns
FRX4
RxC frequency (16 X)
(1 X)
0
0
16
1
Mhz
Mhz
tTX
TxC high or low time
15
7
ns
FTX4
TxC frequency (16 X)
(1 X)
0
0
16
1
Mhz
Mhz
Transmitter Timing
tTXD
TxD output delay from TxC low
32
60
ns
ttcs
TxC output delay from TxD output data
–15
4
15
ns
Receiver Timing
tRXS
RxD data setup time to RxC high (data)
20
–4
ns
tRXH
RxD data hold time from RxC high (data)
20
6
ns
tsSTRT
RxD data low time for receiving a valid Start Bit
17/32
bit
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com