Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 48Page - NXP Semiconductors SC28L198 Datasheet HTML 49Page - NXP Semiconductors SC28L198 Datasheet HTML 50Page - NXP Semiconductors SC28L198 Datasheet HTML 51Page - NXP Semiconductors SC28L198 Datasheet HTML 52Page - NXP Semiconductors SC28L198 Datasheet HTML 53Page - NXP Semiconductors SC28L198 Datasheet HTML 54Page - NXP Semiconductors SC28L198 Datasheet HTML 55Page - NXP Semiconductors SC28L198 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
52
INDEX
Numbers
1x and 16x modes, Receiver, 9
1x and 16x modes, Transmitter, 9
A
Address Recognition Character Register, 25
ARCR, 25
Asynchronous bus cycle, 6
B
Baud Rate Generator , 7
BCRA, 25
BCRBRK, 24
BCRCOS, 24
BCRx, 24
Bidding Control Register – Address, 25
Bidding Control Register – Break Change, 24
Bidding Control Register – Change of State, 24
Bidding Control Register – Xon, 24
Block diagram, 6
Break, transmission of, 9
BRG Timer Control Register, 26
BRG Timer Reload Registers, Lower, 26
BRG Timer Reload Registers, Upper, 26
BRGCTCR , 26
BRGTRL, 26
BRGTRU, 26
C
CEN, 6
Channel Blocks, 7
Channel Status Register, 22
Character Recognition, 7
CharacterStripping, 11
CIR, 27
Clock Register, Rx & Tx, 20
Command Register, 21
COMMAND REGISTER TABLE, 22
CR , 21
Crystal oscillator, 7
Current Interrupt Register, 27
D
Description, 2
DESCRIPTION, over all, 6
F
Framing error, 10
G
GCCR, 17
General Purpose Output Clk Register, 29
General Purpose Output Data Register, 29
General Purpose Output Register, 29
General Purpose Output Select Register, 29
General Purpose Pins, 11
GIBCR, 28
GICR, 27
GITR, 28
Global Configuration Control Register (GCCR), 17
Global Interrupting Byte Count Register, 28
Global Interrupting Channel Register, 27
Global Registers, 8, 11
Global RxFIFO Register, 28
Global TxFIFO Register, 28
GPOC , 29
GPOD, 29
GPOR, 29
GPOSR, 29
GRxFIFO, 28
GTxFIFO, 28
H
Host Interface, 6
Host interface, 6
I
I/O Port Configuration Register, 29
I/O Port Interrupt and Output Register, 28
I/O ports, 10
I/OPCR, 10, 29
I/OPIOR, 28
IACKN, 8
IACKNCycle, 12
ICR, 27
IMR, 8, 24
INDEX, 51
Input Port Register, 28
Interrupt Arbitration, 11
Interrupt Control, 8
Interrupt Mask Register, 24
Interrupt priorities, Setting, 12
Interrupt sources, Enabling, 12
Interrupt Status Register, 23
Interrupt Vector Register, 27
Interrupts, Xon/Xoff, 16
IOPIOR register, 11
IPR , 28
ISR, 8, 23
IVR, 27
M
Minor Modes, 14
Mode control, Xon/Xoff, 16
Mode Register 0, 18
Mode Register 1, 18
Mode Register 2, 19
Mode Registers, Initialization, 17
Modes of Operation, 13
MR0 , 18
MR1, 18
MR2, 19
Multidrop mode, 11
O
Overrun error, 10
P
Parity error, 10
Pin Description, 5
Pinout, 4
Polling, 12
R
Receiver, 9
Receiver FIFO, 10, 24
Receiver Status Bits, 9
REGISTER DESCRIPTIONS, 17
Register Map, 30
Register Map, Control, 30, 31
Register Map, Data, 31, 36
Reset Conditons, 40
RxCSR , 20
RxFIFO, 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com