Electronic Components Datasheet Search
  English  ▼

X  

SC28L198 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 19Page - NXP Semiconductors SC28L198 Datasheet HTML 20Page - NXP Semiconductors SC28L198 Datasheet HTML 21Page - NXP Semiconductors SC28L198 Datasheet HTML 22Page - NXP Semiconductors SC28L198 Datasheet HTML 23Page - NXP Semiconductors SC28L198 Datasheet HTML 24Page - NXP Semiconductors SC28L198 Datasheet HTML 25Page - NXP Semiconductors SC28L198 Datasheet HTML 26Page - NXP Semiconductors SC28L198 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
23
mechanism to initialize all the Xoff Character registers to a
default value with one write. Execution of this command
is immediate and does not effect the timing of subsequent
host I/O operations.
10110
Xoff resume command (CRXoffre; not active in
“Auto-Transmit Mode”). A command to cancel a previous
Host Xoff command. Upon receipt, the channel’s
transmitter will transfer a character, if any, from the
TxFIFO and begin transmission.
10111
Host Xoff command (CRXoff). This command allows tight
host CPU control of the flow control of the channel
transmitter. When interrupted for receipt of an Xoff
character by the receiver, the host may stop transmission
of further characters by the channel transmitter by issuing
the Host Xoff command. Any character that has been
transferred to the TxD shift register will complete its
transmission, including the stop bit.
11000
Cancel Host transmit flow control command. Issuing this
command will cancel a previous transmit command if the
flow control character is not yet loaded into the TxD Shift
Register. If there is no character waiting for transmission
or if its transmission has already begun, then this
command has no effect.
11001–11011
Reserved
11011 Reset Address Recognition Status. This command clears the
interrupt status that was set when an address character
was recognized by a disabled receiver operating in the
special mode.
11100–11101
Reserved
11110
Resets all UART channel registers. This command
provides a means to zero all the UART channels that are
not reset to x’00 by a reset command or a hardware reset.
11111
Reserved for channels b-h, for channel a: executes a chip
wide reset. Executing this command in channel a is
equivalent to a hardware reset with the RESETN pin.
Executing in channel b-h, has no effect.
Table 9. Command Register Code
Commands x’12, x13, x’14, x’15, x’1f (marked with*) are global and exist only in channel A’s register space.
Channel Command
Code
Channel
Command
Channel Command
Code
Channel
Command
CR[7:3]
Description
CR[7:3]
Description
00000
NOP
10000
Transmit Xon
00001
Reserved
10001
Transmit Xoff
00010
Reset Receiver
10010
Gang Write Xon Character Registers *
00011
Reset Transmitter
10011
Gang Write Xoff Character Registers *
00100
Reset Error Status
10100
Gang Load Xon Character Registers DC1 *
00101
Reset Break Change Interrupt
10101
Gang Load Xoff Character Registers DC3 *
00110
Begin Transmit Break
10110
Xoff Resume Command
00111
End Transmit Break
10111
Host Xoff Command
01000
Assert RTSN (I/O2 or I/O1)
11000
Cancel Transmit X Char command
01001
Negate RTSN (I/O2 or I/O1)
11001
Reserved
01010
Set time–out mode on
11010
Reserved
01011
Reserved
11011
Reset Address Recognition Status
01100
Set time–out mode off
11100
Reserved
01101
Block Error Status configure
11101
Reserved
01110
Reserved
11110
Reset All UART channel registers
01111
Reserved
11111
Reset Device *
Table 10. SR – Channel Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Received
Break
Framing Error
Parity
Error
Overrun Error
TxEMT
TxRDY
RxFULL
RxRDY
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
SR[7] – Received Break
This bit indicates that an all zero character of the programmed
length has been received without a stop bit. Only a single FIFO
position is occupied when a break is received; further entries to the
FIFO are inhibited until the RxD line returns to the marking state for
at least one half bit time (two successive edges of the internal or
external 1x clock). When this bit is set, the change in break bit in
the ISR (ISR[2]) is set. ISR[2] is also set when the end of the break
condition, as defined above, is detected. The break detect circuitry
is capable of detecting breaks that originate in the middle of a
received character. However, if a break begins in the middle of a
character, it must last until the end of the next character in order for
it to be detected.
SR[6] – Framing Error (FE)
This bit, when set, indicates that a stop bit was not detected when
the corresponding data character in the FIFO was received. The
stop bit check is made in the middle of the first stop bit position.
SR[5] – Parity Error (PE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com