Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 25Page - Richtek Technology Corporation RT9470 Datasheet HTML 26Page - Richtek Technology Corporation RT9470 Datasheet HTML 27Page - Richtek Technology Corporation RT9470 Datasheet HTML 28Page - Richtek Technology Corporation RT9470 Datasheet HTML 29Page - Richtek Technology Corporation RT9470 Datasheet HTML 30Page - Richtek Technology Corporation RT9470 Datasheet HTML 31Page - Richtek Technology Corporation RT9470 Datasheet HTML 32Page - Richtek Technology Corporation RT9470 Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
29
Register Address : 0x22, Register Name : IRQ2
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
FL_JEITA_
HOT
0
NA
NA
R
0 : ST_JEITA_HOT not rising
1 : While ST_JEITA_HOT rising, read clear
6
FL_JEITA_
WARM
0
NA
NA
R
0 : ST_JEITA_WARM not rising
1 : While ST_JEITA_WARM rising, read clear
5
FL_JEITA_
COOL
0
NA
NA
R
0 : ST_JEITA_COOL not rising
1 : While ST_JEITA_COOL rising, read clear
4
FL_JEITA_
COLD
0
NA
NA
R
0 : ST_JEITA_COLD not rising
1 : While ST_JEITA_COLD rising, read clear
3
FL_PE_DONE
0
NA
NA
R
0 : FL_PE_DONE not rising
1 : While PE processing done, read clear
2
FL_AICC_
DONE
0
NA
NA
R
0 : FL_AICC_DONE not rising
1 : While AICC processing done, read clear
1
FL_SYS_
MIN
0
NA
NA
R
0 : ST_SYS_MIN not rising
1 : While ST_SYS_MIN rising, read clear
0
FL_SYS_
SHORT
0
NA
NA
R
0 : ST_SYS_SHORT not rising
1 : While ST_SYS_SHORT rising, read clear
Register Address : 0x23, Register Name : IRQ3
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
FL_OTP
0
NA
NA
R
0 : ST_OTP not rising
1 : While ST_OTP rising, read clear
6
FL_VAC_OV
0
NA
NA
R
0 : ST_VAC_OV not rising
1 : While ST_VAC_OV rising, read clear
5
FL_WDT
0
NA
NA
R
0 : ST_WDT not rising
1 : While ST_WDT rising, read clear
4:3
Reserved
00
NA
NA
R
Reserved
2
FL_OTG_CC
0
NA
NA
R
0 : ST_OTG_CC not rising
1 : While ST_OTG_CC rising, read clear
1
FL_OTG_LBP
0
NA
NA
R
0 : ST_OTG_LBP not rising
1 : While ST_OTG_LBP rising, read clear
0
FL_OTG_
FAULT
0
NA
NA
R
0 : ST_OTG_FAULT not rising
1 : While ST_OTG_FAULT rising, read clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com