Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 37Page - Richtek Technology Corporation RT9470 Datasheet HTML 38Page - Richtek Technology Corporation RT9470 Datasheet HTML 39Page - Richtek Technology Corporation RT9470 Datasheet HTML 40Page - Richtek Technology Corporation RT9470 Datasheet HTML 41Page - Richtek Technology Corporation RT9470 Datasheet HTML 42Page - Richtek Technology Corporation RT9470 Datasheet HTML 43Page - Richtek Technology Corporation RT9470 Datasheet HTML 44Page - Richtek Technology Corporation RT9470 Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
41
Name
STAT
IRQ
MASK
SYS_MIN
Y
Y
Y
SYS_SHORT
N
Y
Y
OTP
Y
Y
Y
VAC_OV
Y
Y
Y
WDT
Y
Y
Y
OTG_CC
Y
Y
Y
OTG_LBP
N
Y
Y
OTG_FAULT
N
Y
Y
Protections
⚫
VBUS Over-Voltage Protection in Buck Mode
If
VBUS
voltage
over
VAC_OVP
setting
(programmable by VAC_OVP bits), the device stops
switching immediately and an INT pulse is asserted
to the host. When VBUS overvoltage, the status
ST_VAC_OV = 1 and the IC_STAT = 1000 for
charge fault. The device resume to normal operation
when VBUS voltage drops below the VAC_OVP
threshold.
⚫
VBUS Over-Voltage Protection in Boost Mode
When boost mode, VAC_OVP setting is locked at
6.5V even if VAC_OVP threshold is set at 10.5V or
14V. When the output voltage (VBUS) exceeds
VAC_OVP threshold, the device stops switching
immediately, clear OTG_EN bit to 0 and exit boost
mode. The fault (OTG_FAULT) is set to high and an
INT pulse is asserted to the host to indicate in boost
mode. When the output voltage falling VAC_OVP_HYS
below VAC_OVP threshold, the OTG_EN bit can be
set to 1 by the host.
⚫
IBUS Overload Protection in Boost Mode
The device monitors boost output voltage and
current to provide VBUS short circuit protection. The
device also builds in constant current regulation to
allow OTG to adaptive to various types of load. If
short circuit is detected on VBUS, the boost will
hiccup 7 times. If boost retries are not successful,
OTG_EN bit will set to 0 to disable boost mode and
INT pulse is asserted to the host to indicate
OTG_FAULT.
⚫
VBUS Soft-Start
When the boost function is enabled, the device
soft-starts on VBUS to avoid inrush current.
⚫
VSYS Over-Voltage Protection
SYSOVP threshold is set at 5.2V. Once VSYS is
above
SYSOVP
level,
buck
stops
switching
immediately and an INT pulse is asserted to host to
indicate CHG_SYSOV fault. The device provides
30mA current sink on VSYS to bring down the VSYS
voltage.
⚫
VSYS Over-Current Protection
When the system is shorted or overloaded (IBAT >
IOCP_BATFET), the device latches off BATFET (forces
enter shipping mode) and an INT pulse is asserted to
host to indicate SYS_SHORT fault. Exit shipping
mode can reset the latch-off condition and turn on
BATFET.
⚫
Battery Over-Voltage Protection
The BAT_OVP threshold is 4% above the VBAT_REG
setting. When battery exceeds overvoltage threshold,
the device disables charging immediately and an INT
is asserted to the host to indicate CHG_BATOV.
⚫
Battery Over-Discharge Protection
When battery is discharged below VBAT_DPL_FALL,
the BATFET turns off to protect battery over
discharged. When VBUS is plugged in, the BAFET
turns on to charge battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com