Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 24Page - Richtek Technology Corporation RT9470 Datasheet HTML 25Page - Richtek Technology Corporation RT9470 Datasheet HTML 26Page - Richtek Technology Corporation RT9470 Datasheet HTML 27Page - Richtek Technology Corporation RT9470 Datasheet HTML 28Page - Richtek Technology Corporation RT9470 Datasheet HTML 29Page - Richtek Technology Corporation RT9470 Datasheet HTML 30Page - Richtek Technology Corporation RT9470 Datasheet HTML 31Page - Richtek Technology Corporation RT9470 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9470/D-02
October 2023
28
Register Address : 0x20, Register Name : IRQ0
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
FL_VBUS_GD
0
NA
NA
R
0 : ST_VBUS_GD not rising
1 : While ST_VBUS_GD rising, read clear
6
FL_CHG_RDY
0
NA
NA
R
0 : ST_CHG_RDY not rising
1 : While ST_CHG_RDY rising, read clear
5
FL_IEOC
0
NA
NA
R
0 : ST_IEOC not rising
1 : While ST_IEOC rising, read clear
4
FL_BG_CHG
0
NA
NA
R
0 : ST_BG_CHG not rising
1 : While ST_BG_CHG rising, read clear
3
FL_CHG_
DONE
0
NA
NA
R
0 : ST_CHG_DONE not rising
1 : While ST_CHG_DONE rising, read clear
2
FL_RECHG
0
NA
NA
R
0 : While VBAT > VRECHG after EOC
1 : While VBAT < VRECHG after EOC, read
clear
1
FL_DETACH
0
NA
NA
R
0 : ST_VBUS_GD not rising or in
ST_VBUS_GD
1 : While ST_VBUS_GD falling then VBUS <
VBAT or VBUS < 3.3V, read clear
0
FL_BC12_DO
NE
0
NA
NA
R
0 : BC1.2 process not ready
1 : While BC1.2 process done
Register Address : 0x21, Register Name : IRQ1
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
FL_CHG_
MIVR
0
NA
NA
R
0 : ST_CHG_MIVR not rising
1 : While ST_CHG_MIVR rising, read clear
6
FL_CHG_
AICR
0
NA
NA
R
0 : ST_CHG_AICR not rising
1 : While ST_CHG_AICR rising, read clear
5
FL_CHG_
THREG
0
NA
NA
R
0 : ST_CHG_THREG not rising
1 : While ST_CHG_THREG rising, read clear
4
FL_CHG_
BUSUV
0
NA
NA
R
0 : ST_CHG_BUSUV not rising
1 : While ST_CHG_BUSUV rising, read clear
3
FL_CHG_
TOUT
0
NA
NA
R
0 : ST_CHG_TOUT not rising
1 : While ST_CHG_TOUT rising, read clear
2
FL_CHG_
SYSOV
0
NA
NA
R
0 : ST_CHG_SYSOV not rising
1 : While ST_CHG_SYSOV rising, read clear
1
FL_CHG_
BATOV
0
NA
NA
R
0 : ST_CHG_BATOV not rising
1 : While ST_CHG_BATOV rising, read clear
0
Reserved
0
NA
NA
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com