Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 16Page - Richtek Technology Corporation RT9470 Datasheet HTML 17Page - Richtek Technology Corporation RT9470 Datasheet HTML 18Page - Richtek Technology Corporation RT9470 Datasheet HTML 19Page - Richtek Technology Corporation RT9470 Datasheet HTML 20Page - Richtek Technology Corporation RT9470 Datasheet HTML 21Page - Richtek Technology Corporation RT9470 Datasheet HTML 22Page - Richtek Technology Corporation RT9470 Datasheet HTML 23Page - Richtek Technology Corporation RT9470 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9470/D-02
October 2023
20
Register Address : 0x04, Register Name : VBUS
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:6
VAC_OVP
01
N
Y
R/W
VAC OVP threshold
00 : 5.8V
01 : 6.5V (default)
10 : 10.9V (6.5V while OTG)
11 : 14V (6.5V while OTG)
5:4
VMIVR_BAT_
TRACK
00
N
Y
R/W
00 : VMIVR by 0x04[3:0] (default)
01 : VMIVR = VBAT + 200mV
10 : VMIVR = VBAT + 250mV
11 : VMIVR = VBAT + 300mV
3:0
VMIVR
0110
N
Y
R/W
Minimum input voltage regulation
0000 : 3900mV
0001 : 4000mV
…
0110 : 4500mV (default)
...
1110 : 5300mV
1111 : 5400mV
Register Address : 0x05, Register Name : PRECHG
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
Reserved
0
NA
NA
R
Reserved
6:4
VPRE_CHG
100
Y
Y
R/W
Pre-charge voltage threshold
000 : 2700mV
001 : 2800mV
010 : 2900mV
011 : 3000mV
100 : 3100mV (default)
101 : 3200mV
110 : 3300mV
111 : 3400mV
3:0
IPRE_CHG
0010
Y
Y
R/W
Pre-charge current
0000 : 50mA
0001 : 100mA
0010 : 150mA (default)
...
1110 : 750mA
1111 : 800mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com