Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 18Page - Richtek Technology Corporation RT9470 Datasheet HTML 19Page - Richtek Technology Corporation RT9470 Datasheet HTML 20Page - Richtek Technology Corporation RT9470 Datasheet HTML 21Page - Richtek Technology Corporation RT9470 Datasheet HTML 22Page - Richtek Technology Corporation RT9470 Datasheet HTML 23Page - Richtek Technology Corporation RT9470 Datasheet HTML 24Page - Richtek Technology Corporation RT9470 Datasheet HTML 25Page - Richtek Technology Corporation RT9470 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9470/D-02
October 2023
22
Register Address : 0x09, Register Name : CHG_TIMER
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
CHG_SAFE_
TMR_EN
1
Y
Y
R/W
0 : Disable charge safe timer
1 : Enable charge safe timer (default)
6
CHG_SAFE_
TMR_2XT
1
Y
Y
R/W
Double charge safe timer during MIVR, AICR,
thermal regulation, and JEITA reduce ICHG
0 : Disable 2x extended charge safe timer
1 : Enable 2x extended charge safe timer
(default)
5:4
CHG_SAFE_
TMR
01
Y
Y
R/W
Charge safe timer
00 : 5hr
01 : 10hr (default)
10 : 15hr
11 : 20hr
3:0
Reserved
0000
NA
NA
R
Reserved
Register Address : 0x0A, Register Name : EOC
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:4
IEOC_CHG
0011
Y
Y
R/W
End-of-charge current threshold
0000 : 50mA
0001 : 100mA
0010 : 150mA
0011 : 200mA (default)
...
1110 : 750mA
1111 : 800mA
3:2
BG_CHG_
TMR
00
Y
Y
R/W
EOC back-ground charge timer
00 : 0min (default)
01 : 15min
10 : 30min
11 : 45min
1
TE
1
Y
Y
R/W
0 : Disable charge current termination
1 : Enable charge current termination (default)
0
EOC_RST
0
Y
Y
RWSC
0 : No action
1 : Reset EOC
(Notice : Back to 0 after reset EOC done)
Register Address : 0x0B, Register Name : INFO
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
REG_RST
0
NA
NA
RWSC
0 : No action
1 : Reset register
(Notice : Back to 0 after register reset)
6:3
DEVICE_ID
1001
NA
NA
R
1001 : RT9470 (PSEL, PGB)
1010 : RT9470D (D+, D-)
2:0
DEVICE_RE
NA
NA
NA
R
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com