Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 11Page - Richtek Technology Corporation RT9470 Datasheet HTML 12Page - Richtek Technology Corporation RT9470 Datasheet HTML 13Page - Richtek Technology Corporation RT9470 Datasheet HTML 14Page - Richtek Technology Corporation RT9470 Datasheet HTML 15Page - Richtek Technology Corporation RT9470 Datasheet HTML 16Page - Richtek Technology Corporation RT9470 Datasheet HTML 17Page - Richtek Technology Corporation RT9470 Datasheet HTML 18Page - Richtek Technology Corporation RT9470 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
15
Typical Operating Characteristics
Charger Efficiency vs. Charging Current
84
86
88
90
92
94
96
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Charging Current (A)
VBUS = 5V
VBUS = 9V
VBUS = 12V
VBAT = 3.8V, fSW = 1.5MHz, LDCR = 26m
Charger Efficiency vs. Charging Current
84
86
88
90
92
94
96
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Charging Current (A)
VBAT = 4.2V, fSW = 1.5MHz, LDCR = 26m
VBUS = 5V
VBUS = 9V
VBUS = 12V
MIVR Tracking VBAT
4.4
4.5
4.6
4.7
4.8
4.9
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
VBAT Set (V)
VBAT + 300mV
VBAT + 250mV
VBAT + 200mV
Boost Efficiency vs. Output Current
82
84
86
88
90
92
94
96
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Current (A)
VBUS = 5.15V, fSW = 1.5MHz, LDCR = 26m
VBAT = 4.35V
VBAT = 4.2V
VBAT = 3.8V
VBAT = 3.5V
VBUS = 5V, VBAT = 3.8V, ICHG = 2A
REGN
(2V/Div)
VSYS
(2V/Div)
RT9470 Power-UP with VBUS Plug In
Time (100ms/Div)
VBUS
(2V/Div)
IBAT
(2A/Div)
REGN
(2V/Div)
VSYS
(2V/Div)
RT9470D Power-UP with VBUS Plug In
Time (100ms/Div)
VBUS = 5V, VBAT = 3.8V, ICHG = 2A, DCP
VBUS
(2V/Div)
IBAT
(2A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com