Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 17Page - Richtek Technology Corporation RT9470 Datasheet HTML 18Page - Richtek Technology Corporation RT9470 Datasheet HTML 19Page - Richtek Technology Corporation RT9470 Datasheet HTML 20Page - Richtek Technology Corporation RT9470 Datasheet HTML 21Page - Richtek Technology Corporation RT9470 Datasheet HTML 22Page - Richtek Technology Corporation RT9470 Datasheet HTML 23Page - Richtek Technology Corporation RT9470 Datasheet HTML 24Page - Richtek Technology Corporation RT9470 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
21
Register Address : 0x06, Register Name : REGU
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
Reserved
0
NA
NA
R
Reserved
6
THREG
1
Y
Y
R/W
Junction thermal regulation threshold
0 : 100°C
1 : 120°C (default)
5:4
Reserved
00
NA
NA
R
Reserved
3:0
VSYS_MIN
1001
N
Y
R/W
System minimum voltage
0000 : 2600mV
0001 : 2700mV
…
1001 : 3500mV (default)
...
1110 : 4000mV
1111 : 4100mV
Register Address : 0x07, Register Name : VCHG
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
VRE_CHG
0
Y
Y
R/W
Re-charge voltage threshold
0 : 100mV (default)
1 : 200mV
6:0
VBAT_REG
0011110
Y
Y
R/W
Charge voltage
0000000 : 3900mV
0000001 : 3910mV
…
0011110 : 4200mV (default)
…
1010000 : 4700mV
1010000 to 1111111 : 4700mV
Register Address : 0x08, Register Name : ICHG
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:6
Reserved
00
NA
NA
R
Reserved
5:0
ICHG_REG
101000
Y
Y
R/W
Charge current
000000 : 0mA (disable charge)
000001 : 50mA
000010 : 100mA
000011 : 150mA
…
101000 : 2000mA (default)
…
111101 : 3100mA
111111 : 3150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com