Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9470 Datasheet HTML 1Page - Richtek Technology Corporation RT9470 Datasheet HTML 2Page - Richtek Technology Corporation RT9470 Datasheet HTML 3Page - Richtek Technology Corporation RT9470 Datasheet HTML 4Page - Richtek Technology Corporation RT9470 Datasheet HTML 5Page - Richtek Technology Corporation RT9470 Datasheet HTML 6Page - Richtek Technology Corporation RT9470 Datasheet HTML 7Page - Richtek Technology Corporation RT9470 Datasheet HTML 8Page - Richtek Technology Corporation RT9470 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
1
3A Single Cell Switching Battery Charger
General Description
The RT9470/D device are a highly-integrated 3A switch
mode battery charge management and system power
path management device for single cell Li-Ion and
Li-polymer battery. The low impedance power path
optimizes switch-mode operation efficiency, reduces
battery charging time and extends battery life during
discharging phase. The I2C serial interface with
charging and system settings makes the device a truly
flexible solution.
The recommended junction temperature range is
−40C to 150C, and the ambient temperature range is
−40C to 85C.
Applications
⚫
Smart Phone/Tablet PC
⚫
Personal Information Appliances
⚫
Portable Device and Accessory
Ordering Information
Package Type
WSC : WL-CSP-30B 2.1x2.5 (BSC)
RT9470/D
BC1.2 Detection
Default : Not Support
D : Support
Note:
Richtek products are Richtek Green Policy compliant
and compatible with the current requirements of
IPC/JEDEC J-STD-020.
Features
⚫
High Efficiency, 1.5MHz, Synchronous
Switch-Mode Buck Charger
92% Charge Efficiency at 2A from 5V Input and
3.8V Battery
Support 3.9V to 13.5V Input Voltage Range
Average Input Current Regulation (AICR)
Minimum Input Voltage Regulation (MIVR)
Minimum Input Voltage Regulation Track (MIVR
Track)
Charge Current Regulation (CCR)
Charge Voltage Regulation (CVR)
Charge Voltage Regulation Track (CVR Track)
Junction Thermal Regulation (JTR)
⚫
Supports USB On-The-Go (OTG)
92% Boost Efficiency at 1A with 3.8V Battery
and 5.15V Output
OTG Current Limit Regulation (OCLR)
OTG Voltage Limit Regulation (OVLR)
⚫
Protection
Over-Temperature Protection (OTP)
VBUS Over-Voltage Protection (VBUS OVP)
Battery Over-Voltage Protection (VBAT OVP)
System Over-Voltage Protection (VSYS OVP)
System Under-Voltage Protection (VSYS UVP)
System Over-Load Protection (VSYS OLP)
Cycle-by-Cycle Over-Current Protection (OCP)
OTG Low Battery Protection (OTG LBP)
Simplified Application Circuit
BAT
VBUS
PMID
Host
BTST
SW
SYS
TS
Battery
Pack
System
QON
USB
RT9470/D
VAC
CBUS
CSYS
CBTST
L
CBAT
Host control
I
2
C BUS
REGN


Similar Part No. - RT9470

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9470D RICHTEK-RT9470D Datasheet
1Mb / 50P
3A Single Cell Switching Battery Charger
October 2023
RT9470G RICHTEK-RT9470G Datasheet
1Mb / 53P
3A Single Cell Switching Battery Charger
November 2023
More results

Similar Description - RT9470

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Richtek Technology Corp...
RT9465 RICHTEK-RT9465 Datasheet
268Kb / 28P
3A Single Cell Li-on Battery Slave Switching Charg
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
single-cell lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com