Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 7Page - Richtek Technology Corporation RT9470 Datasheet HTML 8Page - Richtek Technology Corporation RT9470 Datasheet HTML 9Page - Richtek Technology Corporation RT9470 Datasheet HTML 10Page - Richtek Technology Corporation RT9470 Datasheet HTML 11Page - Richtek Technology Corporation RT9470 Datasheet HTML 12Page - Richtek Technology Corporation RT9470 Datasheet HTML 13Page - Richtek Technology Corporation RT9470 Datasheet HTML 14Page - Richtek Technology Corporation RT9470 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
11
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OTG Voltage Limit
Regulation Range
VOTG_CV_RANGE
Default = 5.15V
4.85
--
5.3
V
OTG Voltage Limit
Regulation Step
VOTG_CV_STEP
--
150
--
mV
OTG Voltage Limit
Regulation Accuracy
VOTG_CV_ACC
VBAT = 3.8V, IPMID = 0A, VOTG_REG
= 5.15V
−3
--
3
%
OTG Current Limit
Regulation Accuracy
IOTG_CC
IOTG_LIMIT_REG_SEL = 1.2A
1.2
1.4
1.6
A
IOTG_LIMIT_REG_SEL = 0.5A
0.5
0.6
0.7
OTG Over-Voltage
Threshold
VOTG_OVP
VAC rising, VAC_OVP = 6.5V
6.2
6.5
6.8
V
OTG Capacitive Load
COTG_LOAD
VBAT = 3.8V, VOTG_REG = 5.15V,
capacitive load plug in
--
--
300
F
PWM
PWM Switching
Frequency
fSW_BUCK
Oscillator frequency, buck mode
1350
1500
1650
kHz
fSW_BOOST
Oscillator frequency, boost mode
1350
1500
1650
Maximum PWM Duty
Cycle
DMAX
--
97
--
%
REGN
REGN LDO Output
Voltage
VREGN
VBUS = 9V, IREGN = 40mA
4.5
4.9
5.3
V
VBUS = 5V, IREGN = 20mA
4.5
4.9
5
Control I/O Pin (CE, PSEL, SCL and SDA)
Input High Threshold
Voltage
VIH_CTRL
1.3
--
--
V
Input Low Threshold
Voltage
VIL_CTRL
--
--
0.4
V
High Level Leakage
Current
IBIAS
Pull high to 1.8V
--
--
1
A
Control I/O Pin (PG, STAT and INT)
Output Low Threshold
Voltage
VOL_CTRL
--
--
0.4
V
INT Pull Low Time
tINT_PULL_LOW
INT pull low time
--
256
--
s
D+/D- Detection
Data Detect Voltage
VDAT_REF
0.25
0.325
0.4
V
D- Current Sink
ID-_ISNK
50
100
150
A
D+D- Leakage Current
ID+D-_LKG
−1
--
1
A
D- Pull Down for
Connection Check
RD-_19K
14.25
19.53
24.8
k
D+D- Threshold for
Non-Standard Adapter
(1.2V)
VD+D-_1P2
--
1.2
--
V
D+D- Threshold for
Non-Standard Adapter
(2V)
VD+D-_2P0
--
2
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com