Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 19Page - Richtek Technology Corporation RT9470 Datasheet HTML 20Page - Richtek Technology Corporation RT9470 Datasheet HTML 21Page - Richtek Technology Corporation RT9470 Datasheet HTML 22Page - Richtek Technology Corporation RT9470 Datasheet HTML 23Page - Richtek Technology Corporation RT9470 Datasheet HTML 24Page - Richtek Technology Corporation RT9470 Datasheet HTML 25Page - Richtek Technology Corporation RT9470 Datasheet HTML 26Page - Richtek Technology Corporation RT9470 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
23
Register Address : 0x0C, Register Name : JEITA
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
JEITA_EN
1
Y
Y
R/W
0 : JEITA disable
1 : JEITA enable (default)
6
JEITA_COLD
0
Y
Y
R/W
0 : COLD do NOT charging / OTG (default)
1 : COLD still charging / OTG
5
JEITA_COOL_
ISET
1
Y
Y
R/W
0 : 50% of ICHG
1 : 25% of ICHG (default)
4
JEITA_COOL_
VSET
1
Y
Y
R/W
0 : VBAT_REG = 4.1V
1 : VBAT_REG = Register setting (default)
3
JEITA_WARM
_ISET
1
Y
Y
R/W
0 : 50% of ICHG
1 : ICHG = Register setting (default)
2
JEITA_WARM
_VSET
0
Y
Y
R/W
0 : VBAT_REG = 4.1V (default)
1 : VBAT_REG = Register setting
1
JEITA_HOT
0
Y
Y
R/W
0 : HOT do NOT charging / OTG (default)
1 : HOT still charging / OTG
0
Reserved
0
NA
NA
R
Reserved
Register Address : 0x0D, Register Name : PUMP_EXP
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
PE_EN
0
Y
Y
RWSC
0 : Idle (default)
1 : Trigger MTK Pump Express process
(Notice : Auto clear while PE done or no
VBUS)
6
PE_SEL
0
Y
Y
R/W
0 : PE 1.0 process select (default)
1 : PE 2.0 process select
5
PE10_INC
0
Y
Y
R/W
0 : PE 1.0 voltage down (default)
1 : PE 1.0 voltage up
4:0
PE20_CODE
00000
Y
Y
R/W
MTK PE 2.0 voltage request setting
00000 : 5.5V (default)
00001 : 6V
…
11101 : 20V
11110 : Adapter healthy self-testing
11111 : Disable cable drop compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com