Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 13Page - Richtek Technology Corporation RT9470 Datasheet HTML 14Page - Richtek Technology Corporation RT9470 Datasheet HTML 15Page - Richtek Technology Corporation RT9470 Datasheet HTML 16Page - Richtek Technology Corporation RT9470 Datasheet HTML 17Page - Richtek Technology Corporation RT9470 Datasheet HTML 18Page - Richtek Technology Corporation RT9470 Datasheet HTML 19Page - Richtek Technology Corporation RT9470 Datasheet HTML 20Page - Richtek Technology Corporation RT9470 Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
17
CE
(2V/Div)
IBAT
(2A/Div)
Charge Enable
Time (5ms/Div)
VBUS = 5V, VBAT = 3.8V, ICHG = 2A
STAT
(2V/Div)
VSW
(5V/Div)
Time (5ms/Div)
Charge Disable
VBUS = 5V, VBAT = 3.8V, ICHG = 2A
CE
(2V/Div)
IBAT
(2A/Div)
STAT
(2V/Div)
VSW
(5V/Div)
Time (4
s/Div)
Boost Switching
VBUS
(100mV/Div)
VSW
(5V/Div)
OTG_CV = 5.15V, VBAT = 3.8V, IBUS = 10mA
ILX
(500mA/Div)
Time (1
s/Div)
Boost Switching
OTG_CV = 5.15V, VBAT = 3.8V, IBUS = 1A
VBUS
(100mV/Div)
VSW
(5V/Div)
ILX
(1A/Div)
PMID
(2V/Div)
VSW
(2V/Div)
Boost Start-Up
Time (2ms/Div)
OTG_CV = 5.15V, VBAT = 3.8V, CBUS = 300
F
VBUS
(2V/Div)
IBUS
(200mA/Div)
Time (50ms/Div)
AICC Enable
VBUS = 5V, IBUS limit = 500mA, MIVR = 4.5V
VBUS
(1V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com