Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 32Page - Richtek Technology Corporation RT9470 Datasheet HTML 33Page - Richtek Technology Corporation RT9470 Datasheet HTML 34Page - Richtek Technology Corporation RT9470 Datasheet HTML 35Page - Richtek Technology Corporation RT9470 Datasheet HTML 36Page - Richtek Technology Corporation RT9470 Datasheet HTML 37Page - Richtek Technology Corporation RT9470 Datasheet HTML 38Page - Richtek Technology Corporation RT9470 Datasheet HTML 39Page - Richtek Technology Corporation RT9470 Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9470/D-02
October 2023
36
ITRICKLE_CHG
IPRE_CHG[3:0]
IEOC_CHG[7:4]
VTRICKLE_CHG_RISE
VPRE_CHG_RISE[6:4]
ICHG_REG[5:0]
VBAT_REG[6:0]
Trickle Charge
Pre-Charge
Fast Charge
Constant Current
Back-Ground
Charge (optional)
Charge Current
Battery Voltage
VRE_CHG
Fast Charge
Constant Voltage
End of Charge
Figure 3. Charging Profile
⚫
End of Charge (EOC)
The charger enters end of charge status when
battery voltage is above recharge threshold, and the
charge current is below IEOC_CHG. IEOC_CHG setting
range is from 50mA to 800mA with 50mA resolution.
After EOC, the BATFET turns off with TE = 1 and
BG_CHG_TMR = 00, and the buck converter keeps
switching to supply power to the system. BATFET
will turn on again when battery voltage is under
recharge voltage threshold or device is in Battery
Supply Mode during EOC.
When EOC occurs, there are four conditions as
below :
Table 5. EOC Status Scenario
TE = 1
BG_CHG_TMR
(disable)
TE = 1
BG_CHG_TMR
(counting)
TE = 1
BG_CHG_TMR
(timeout)
TE = 0
BG_CHG_TMR
(disable)
ST_EOC
1
1
1
1
ST_CHG_DONE
1
0
1
0
ST_BG_CHG
0
1
0
0
STAT Pin
High
High
High
Low
IC_STAT
0111
0110
0111
0101
BATFET
OFF
ON
OFF
ON
1.
If the device triggers AICR, MIVR, JEITA or
thermal regulation status during charging, the
actual charging current
will
be
less
than
programmed value. In this condition, EOC
function will be disabled and the safety timer’s
counter clock rate will be half.
2.
The back-ground charge can be applied after
EOC is detected. The back-ground charge is
enabled by setting BG_CHG_TMR and TE = 1
only. When back-ground charge occurs, the
IC_STAT is set to 0110, and the BATFET will
turn off after back-ground charge timer expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com