Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 21Page - Richtek Technology Corporation RT9470 Datasheet HTML 22Page - Richtek Technology Corporation RT9470 Datasheet HTML 23Page - Richtek Technology Corporation RT9470 Datasheet HTML 24Page - Richtek Technology Corporation RT9470 Datasheet HTML 25Page - Richtek Technology Corporation RT9470 Datasheet HTML 26Page - Richtek Technology Corporation RT9470 Datasheet HTML 27Page - Richtek Technology Corporation RT9470 Datasheet HTML 28Page - Richtek Technology Corporation RT9470 Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
25
Register Address : 0x0F, Register Name : IC_STATUS
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:4
PORT_STAT
0000
NA
NA
R
0000 : No information
0001 to 0111 : Reserved
1000 : VBUS = device 1
(2100mA-APPLE-10w)
1001 : VBUS = device 2
(2000mA-SAMSUNG-10w)
1010 : VBUS = device 3
(1000mA-APPLE-5w)
1011 : VBUS = device 4
(2400mA-APPLE-12w)
1100 : VBUS = unknown / NSDP (500mA)
1101 : VBUS = SDP (500mA) / PSEL = High
1110 : VBUS = CDP (1500mA)
1111 : VBUS = DCP (2400mA) / PSEL = Low
3:0
IC_STAT
0000
NA
NA
R
0000 : HZ/SLEEP
0001 : VBUS ready for charge
0010 : Trickle-charge
0011 : Pre-charge
0100 : Fast-charge
0101 : IEOC-charge (EOC and TE = 0)
0110 : Back-Ground charge (EOC and TE = 1
and before turn off power path)
0111 : Charge done (EOC and TE = 1 and
power path off)
1000 : Charge fault
(VAC_OV / CHG_BUSUV / CHG_TOUT /
CHG_SYSOV / CHG_BATOV / JEITA_HOT /
JEITA_COLD / OTP)
1001 to 1110 : Reserved
1111 : OTG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com