Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 28Page - Richtek Technology Corporation RT9470 Datasheet HTML 29Page - Richtek Technology Corporation RT9470 Datasheet HTML 30Page - Richtek Technology Corporation RT9470 Datasheet HTML 31Page - Richtek Technology Corporation RT9470 Datasheet HTML 32Page - Richtek Technology Corporation RT9470 Datasheet HTML 33Page - Richtek Technology Corporation RT9470 Datasheet HTML 34Page - Richtek Technology Corporation RT9470 Datasheet HTML 35Page - Richtek Technology Corporation RT9470 Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9470/D-02
October 2023
32
Application Information
Richtek’s component specification does not include the following information in the Application Information section.
Thereby no warranty is given regarding its validity and accuracy. Customers should take responsibility to verify their
own designs and reserve suitable design margin to ensure the functional suitability of their components and systems.
Power Up
⚫
Power-On-Reset (POR)
The device powers internal bias circuits from the
higher voltage of VBUS and VBAT. When VBUS
rises above 1.8V or VBAT rises above VBAT_UVLO,
I2C interface is ready for communication and all the
registers are reset to default value.
⚫
Device Power Up from Battery Only
When only Battery is present and VBAT above
VBAT_DPL_RISE, the BATFET turns on to connect
VBAT to VSYS. The REGN stays off to minimize the
quiescent current. The low quiescent current on
VBAT and low RDS(ON) of BATFET minimize device
power consumption and conduction loss maximum
battery run life.
The device always monitors the discharge current
through BATFET (Battery Supply Mode). When the
system
is
overloaded
or
shorted
(IBAT
>
IBATFET_OCP),
the
device
turns
off
BATFET
immediately and sets BATFET_DIS = 1 to enter
Shipping Mode until VBUS plugs in again or uses the
methods
to
exit
Shipping
Mode
to
re-enable
BATFET.
⚫
Device Power Up from VBUS
When the VBUS is plugged in, the power up
sequence is as listed :
1.
Power up REGN LDO.
2.
Poor Source Detection.
3.
PORT_STAT Detection is based on PSEL or
input source type to set default Average Input
Current Regulation (AICR) register.
4.
Minimum
Input
Voltage
Regulation
(MIVR)
setting.
5.
Buck Converter Power-up.
⚫
Power-Up REGN LDO
The
REGN
LDO
supplies
the
High-side
and
Low-side MOSFET gate drive. The REGN also
provides bias to TS external resistor and pull-up rail
of STAT. The REGN is enabled when the below
conditions are valid :
1.
VAC above VBAT + VSLEEP_RISE in buck mode
or enable OTG bit in boost mode.
2.
After 220ms delay is completed when VAC
above VBAT + VSLEEP_RISE.
3.
REGN LDO turns off when device in HZ mode,
sleep mode, VBUS over-voltage or OTG disable.
⚫
Poor Source Detection
After REGN powers up, the device checks the
current capability of the input source. The input
source has to meet following requirements to turn on
the buck converter.
1.
VBUS below VAC_OVP_RISE.
2.
VBUS above VBUS_BAD_ADP then pulling
IBADSRC (typical = 40mA).
When input source passes above conditions, the
ST_VBUS_GD and the FL_VBUS_GD turn to high
and INT pin is pulsed for interrupting the host. If
ST_VBUS_GD doesn’t turn to high, it repeats poor
source detection every 2 seconds.
⚫
VBUS Source Type Detection
After ST_VBUS_GD turns to high, the device runs
VBUS source type detection (RT9470D) or PSEL pin
status (RT9470). After detection is completed, the
ST_CHG_RDY and the FL_CHG_RDY turn to high
and INT pin is pulsed for interrupting the host.
Then the following registers are changed:
1.
Average
Input
Current
Regulation
(AICR)
register is changed to the result of VBUS source
type detection or PSEL pin status automatically
if AUTO_AICR = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com