Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 35Page - Richtek Technology Corporation RT9470 Datasheet HTML 36Page - Richtek Technology Corporation RT9470 Datasheet HTML 37Page - Richtek Technology Corporation RT9470 Datasheet HTML 38Page - Richtek Technology Corporation RT9470 Datasheet HTML 39Page - Richtek Technology Corporation RT9470 Datasheet HTML 40Page - Richtek Technology Corporation RT9470 Datasheet HTML 41Page - Richtek Technology Corporation RT9470 Datasheet HTML 42Page - Richtek Technology Corporation RT9470 Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9470/D-02
October 2023
www.richtek.com
39
T0
T4
Normal
Cold
Hot
VOTG_CV
Voltage
Temperature
Enable Boost
Disable Boost
Disable Boost
T1
Figure 7. Thermal Protect During Boost Mode
⚫
Charging Safety Timer
The device has safety timer to prevent abnormal
charging time due to poor battery condition. The
device can be set CHG_SAFE_TMR bits to change
timer for fast charge cycle. When the safety timer
expires, the device stops charging, the IC_STAT =
1000 for charge fault, ST_CHG_TOUT = 1, and an
INT is asserted to the host. The safety timer can be
disable by setting CHG_SAFE_TMR_EN = 0.
Table 6. Charging Safety Timer
VBAT
Safety Timer
< VPRE_CHG
2 Hours
> VPRE_CHG
5 Hours, 10 Hours (Default),
15 Hours, 20 Hours
When the charger in AICR, MIVR, JEITA cool, JEITA
warm or thermal regulation, the safety timer’s
counter clock rate will be half.
For example, if charger in AICR status, and timer
setting is 10 hours, the actual safety timer will expire
in 20 hours. The extended charge timer setting can
be disabled by setting CHG_SAFE_TMR_2XT = 0.
The safety timer will be reset by :
1.
Toggle CE pin
2.
CHG_EN disable/enable
3.
CHG_SAFE_TMR disable/enable
4.
REG_RST is set.
⚫
MediaTek Pump Express+ (MTK, PE+)
The device can provide an input current pulse to
communicate with an MTK-PE+ high voltage adapter.
When PE_EN bit is enabled, the device can increase
or decrease adapter output voltage by setting
PE10_INC to the desired value. After enabling PE
function, the device will generate a VBUS current
pattern for the MTK-PE+ adapter to automatically
identify whether to increase or decrease output
voltage. Once the PE pattern is finished, PE_EN bit
will clear to 0, and an INT is asserted to the host to
indicate PE_DONE.
⚫
Adaptive Input Current Control (AICC)
The AICC function provides an adaptive AICR
setting to prevent input voltage drops. When the
input power source is over-current and the VBUS
drops to the MIVR level, set AICC_EN bit to 1, the
device will automatically decrease AICR level step
by step until exit MIVR event. Once AICC is finished,
AICC_EN bit will clear to 0, and an INT is asserted to
the host to indicate AICC_DONE.
VBUS
MIVR
Target
AICR
Adaptive AICR
by AICC
AICC_EN
50mA
Power Source
Current Limit
IBUS
Figure 8. AICC Enable
Status Outputs
⚫
Power
Good
Indicator
(PG
Pin
and
ST_CHG_RDY Bit)
The PG pin goes low to indicate a good power
source when :
1.
VBUS above VBUS_MIN_RISE, and IBADSRC is
applied.
2.
VBUS above VBAT (not in sleep mode)
3.
VBUS below VAC_OVP threshold setting
4.
HZ = 0 (not in HZ mode)
5.
The charger thermal is under THREG threshold
setting
6.
Completed VBUS Source Type Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com