Electronic Components Datasheet Search
  English  ▼

X  

RT9470 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT9470
Description  3A Single Cell Switching Battery Charger
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9470 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT9470 Datasheet HTML 20Page - Richtek Technology Corporation RT9470 Datasheet HTML 21Page - Richtek Technology Corporation RT9470 Datasheet HTML 22Page - Richtek Technology Corporation RT9470 Datasheet HTML 23Page - Richtek Technology Corporation RT9470 Datasheet HTML 24Page - Richtek Technology Corporation RT9470 Datasheet HTML 25Page - Richtek Technology Corporation RT9470 Datasheet HTML 26Page - Richtek Technology Corporation RT9470 Datasheet HTML 27Page - Richtek Technology Corporation RT9470 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
RT9470/D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9470/D-02
October 2023
24
Register Address : 0x0E, Register Name : DPDM_DET
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
BC12_EN
1
Y
Y
R/W
0 : Disable BC1.2 detection
1 : Enable BC1.2 detection while VBUS >
3.8V (default)
(Notice : For RT9470D only)
6:5
DCDT_SEL
01
Y
Y
R/W
00 : Disable DCD timeout function
01 : Enable 300ms DCD timeout function
(default)
10 : Enable 600ms DCD timeout function
11 : Wait data contact
4
SPEC_TA_EN
1
Y
Y
R/W
0 : Disable Samsung / Apple TA detection
1 : Enable Samsung / Apple TA detection
(default)
3:1
Reserved
000
NA
NA
R
Reserved
0
DCP_DP_OPT
0
Y
Y
R/W
DCP DP behavior option
0 : DP = 0V after BC 1.2 done (default)
1 : DP keep 0.6V while DCP port detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com