Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 45Page - Dallas Semiconductor DS2155L Datasheet HTML 46Page - Dallas Semiconductor DS2155L Datasheet HTML 47Page - Dallas Semiconductor DS2155L Datasheet HTML 48Page - Dallas Semiconductor DS2155L Datasheet HTML 49Page - Dallas Semiconductor DS2155L Datasheet HTML 50Page - Dallas Semiconductor DS2155L Datasheet HTML 51Page - Dallas Semiconductor DS2155L Datasheet HTML 52Page - Dallas Semiconductor DS2155L Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
DS2155
49 of 238
Register Name:
T1TCR2
Register Description:
T1 Transmit Control Register 2
Register Address:
06h
Bit #
7
6
5
4
3
2
1
0
Name
TB8ZS
TSLC96
TZSE
FBCT2
FBCT1
TD4YM TZBTSI
TB7ZS
Default
0
0
0
0
0
0
0
0
Bit 0/Transmit-Side Bit 7 Zero-Suppression Enable (TB7ZS)
0 = no stuffing occurs
1 = bit 7 forced to a 1 in channels with all 0s
Bit 1/Transmit-Side ZBTSI Support Enable (TZBTSI). Allows ZBTSI information to be input on TLINK pin.
0 = ZBTSI disabled
1 = ZBTSI enabled
Bit 2/Transmit-Side D4 Yellow Alarm Select (TD4YM)
0 = 0s in bit 2 of all channels
1 = a 1 in the S-bit position of frame 12
Bit 3/F-Bit Corruption Type 1 (FBCT1). A low-to-high transition of this bit causes the next three consecutive Ft
(D4 framing mode) or FPS (ESF framing mode) bits to be corrupted causing the remote end to experience a loss of
synchronization.
Bit 4/F-Bit Corruption Type 2 (FBCT2). Setting this bit high enables the corruption of one Ft (D4 framing mode)
or FPS (ESF framing mode) bit in every 128 Ft or FPS bits as long as the bit remains set.
Bit 5/Transmit FDL Zero-Stuffer Enable (TZSE). Set this bit to 0 if using the internal HDLC controller instead
of the legacy support for the FDL. See Section 15 for details.
0 = zero stuffer disabled
1 = zero stuffer enabled
Bit 6/Transmit SLC-96/Fs-Bit Insertion Enable (TSLC96). Only set this bit to a 1 in D4 framing applications.
Must be set to 1 to source the Fs pattern from the TFDL register. See Section 23.6 for details.
0 = SLC-96/Fs-bit insertion disabled
1 = SLC-96/Fs-bit insertion enabled
Bit 7/Transmit B8ZS Enable (TB8ZS)
0 = B8ZS disabled
1 = B8ZS enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com